Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KAMB45L Datasheet(PDF) 13 Page - LOGIC Devices Incorporated

Part # L7C109KAMB45L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KAMB45L Datasheet(HTML) 13 Page - LOGIC Devices Incorporated

Back Button L7C109KAMB45L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 9Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 10Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 11Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 12Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 13Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 14Page - LOGIC Devices Incorporated L7C109KAMB45L Datasheet HTML 15Page - LOGIC Devices Incorporated  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
L 7C 108 D M B 15 L
Indicates a LOGIC Devices product
SRAM
PART NUMBER:
108 = 1M SRAM with single chip enable (available in packages ‘D’ and ‘Y’)
109 = 1M SRAM with dual chip enables (available in ALL packages)
PACKAGE CODE:
D = 32 pin Sidebrazed DIP 400mil
K = 32 pin Ceramic LCC
KA = 32 pin Quad Ceramic LCC
Y = 32 pin Ceramic SOJ
SCREENING LEVEL:
M = Military Temperature, -55ºC to +125ºC
E = Extended Temperature, -40ºC to +105ºC
I = Industrial Temperature, -40ºC to +85ºC
COMPLIANCE:
B = MIL-STD-883 Compliant
SPEED GRADE:
LOW POWER OPTION:
L = Low Power
No Mark Means Standard Power
[M]: 15/20/25/35/45
[E]: 15/20/25/35/45
[I]: 15/20/25/35/45
LOGIC Devices Incorporated
www.logicdevices.com
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
13
128K x 8 Static RAM
L7C108
L7C109
ORDERING INFORMATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com