Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

L7C109KMB45L Datasheet(PDF) 5 Page - LOGIC Devices Incorporated

Part # L7C109KMB45L
Description  128K x 8 Static RAM
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LODEV [LOGIC Devices Incorporated]
Direct Link  http://www.logicdevices.com
Logo LODEV - LOGIC Devices Incorporated

L7C109KMB45L Datasheet(HTML) 5 Page - LOGIC Devices Incorporated

  L7C109KMB45L Datasheet HTML 1Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 2Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 3Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 4Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 5Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 6Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 7Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 8Page - LOGIC Devices Incorporated L7C109KMB45L Datasheet HTML 9Page - LOGIC Devices Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
LOGIC Devices Incorporated
www.logicdevices.com
5
Feb 17, 2012 LDS-L7C108/9-G
1M Static RAMs
128K x 8 Static RAM
L7C108
L7C109
SWITCHING CHARACTERISTICS Over Operating Range
READ CYCLE Notes 5, 11, 12, 22, 23, 24 (ns)
L7C108/109
Symbol
Parameter
15/15-L 20/20-L 25/25-L 35/35-L 45/45-L
tPD
tCDR
DATA RETENTION MODE
VCC
tCDR
4.5 V
4.5 V
≥ 2 V
CE
VIH
tPD
VIH
DATA RETENTION Notes 9, 10
WRITE CYCLE Notes 5, 11, 12, 22, 23, 24 (ns)
L7C108/109
Symbol Parameter
Write Cycle Time
Chip Enable Low to End of Write Cycle
Address Valid to Beginning of Write Cycle
Address Setup to End of Write Cycle
Address Hold After End Of Write
Write Enable Pulse Width Low
Data Setup to End of Write Cycle
Data Hold to End of Write
15/15-L 20/20-L 25/25-L 35/35-L 45/45-L
tAVAV
tELWH
tAVWL
tAVWH
tWHAX
tWLWH
tDVWH
tWHDX
t
t
Min
0
Min
0
Min
0
Min
0
Min
0
Max
15
Max
20
Max
25
Max
35
Max
45
Min
15
12
0
15
0
12
7
0
5
Min
20
12
0
17
0
15
10
0
5
Min
25
20
0
20
0
20
12
0
5
Min
35
25
0
25
0
30
20
0
5
Min
45
35
0
35
0
40
20
0
5
Max
7
Max
8
Max
10
Max
25
Max
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com