Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HIP2103 Datasheet(PDF) 21 Page - Intersil Corporation

Part # HIP2103
Description  60V, 1A/2A Peak, 1/2 Bridge Driver with 4V UVLO
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

HIP2103 Datasheet(HTML) 21 Page - Intersil Corporation

Back Button HIP2103 Datasheet HTML 13Page - Intersil Corporation HIP2103 Datasheet HTML 14Page - Intersil Corporation HIP2103 Datasheet HTML 15Page - Intersil Corporation HIP2103 Datasheet HTML 16Page - Intersil Corporation HIP2103 Datasheet HTML 17Page - Intersil Corporation HIP2103 Datasheet HTML 18Page - Intersil Corporation HIP2103 Datasheet HTML 19Page - Intersil Corporation HIP2103 Datasheet HTML 20Page - Intersil Corporation HIP2103 Datasheet HTML 21Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
HIP2103, HIP2104
21
FN8276.0
November 27, 2013
Package Outline Drawing
L12.4x4A
12 LEAD DUAL FLAT NO-LEAD PLASTIC PACKAGE
Rev 2, 6/12
TYPICAL RECOMMENDED LAND PATTERN
DETAIL "X"
SIDE VIEW
TOP VIEW
BOTTOM VIEW
located within the zone indicated. The pin #1 identifier may be
Unless otherwise specified, tolerance : Decimal ± 0.05
Tiebar shown (if present) is a non-functional feature.
The configuration of the pin #1 identifier is optional, but must be
between 0.15mm and 0.30mm from the terminal tip.
Lead width applies to the metallized terminal and is measured
Dimensions in ( ) for Reference Only.
Dimensioning and tolerancing conform to AMSE Y14.5m-1994.
6.
either a mold or mark feature.
3.
5.
4.
2.
Dimensions are in millimeters.
1.
NOTES:
4.00
1.58
0.15
( 3.75)
(4X)
( 12X 0 . 25)
( 10X 0 . 5 )
1.00 MAX
BASE PLANE
C
SEATING PLANE
0.08
C
0.10
C
12 X 0.25
SEE DETAIL "X"
0.10
4
CA
MB
INDEX AREA
6
PIN 1
4.00
A
B
PIN #1 INDEX AREA
2.5 REF
10X 0.50 BSC
6
( 12 X 0.65 )
0 . 00 MIN.
0 . 05 MAX.
C
0 . 2 REF
12X 0 . 45
2.80
( 1.58)
( 2.80 )
0.05 M C
7
6
12
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com