Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ZXMS6004DG Datasheet(PDF) 3 Page - Diodes Incorporated

Part # ZXMS6004DG
Description  60V N-channel self protected enhancement mode Intellifet MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

ZXMS6004DG Datasheet(HTML) 3 Page - Diodes Incorporated

  ZXMS6004DG Datasheet HTML 1Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 2Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 3Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 4Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 5Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 6Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 7Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 8Page - Diodes Incorporated ZXMS6004DG Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
ZXMS6004DG
Issue 1 - December 2008
3
www.zetex.com
© Diodes Incorporated, 2008
www.diodes.com
Absolute maximum ratings
Thermal resistance
NOTES
(a) For a device surface mounted on a 15mm x 15mm single sided 1oz weight copper on 1.6mm FR4 board, in still air
conditions.
(b) For a device surface mounted on 50mm x 50mm single sided 2oz weight copper on 1.6mm FR4 board in still air
conditions.
(c) Thermal resistance from junction to the mounting surface of the drain pin.
Parameter
Symbol
Limit
Unit
Continuous Drain-Source voltage
VDS
60
V
Drain-Source voltage for short circuit protection
VDS(SC)
36
V
Continuous input voltage
VIN
-0.5 ... +6
V
Continuous input current
-0.2V
≤V
IN≤6V
VIN<-0.2V or VIN>6V
IIN
No limit
│I
IN │≤2
mA
Operating temperature range
Tj,
-40 to +150
°C
Storage temperature range
Tstg
-55 to +150
°C
Power dissipation at TA =25°C (a)
Linear derating factor
PD
1.3
10.4
W
mW/°C
Power dissipation at TA =25°C (b)
Linear derating factor
PD
3.0
24
W
mW/°C
Pulsed drain current @ VIN=3.3V
IDM
2A
Pulsed drain current @ VIN=5V
IDM
2.5
A
Continuous source current (Body Diode) (a)
IS
1A
Pulsed dource current (Body Diode)
ISM
5A
Unclamped single pulse inductive energy,
Tj=25°C, ID=0.5A, VDD=24V
EAS
490
mJ
Electrostatic discharge (Human body model)
VESD
4000
V
Charged device model
VCDM
1000
V
Parameter
Symbo
Value
Unit
Junction to ambient (a)
RθJA
96
°C/W
Junction to ambient (b)
RθJA
42
°C/W
Junction to case (c)
RθJC
12
°C/W



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com