Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PBL2 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PBL2
Description  Flanged Boxes PBL Series
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PBL2 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PBL2 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Flanged Boxes
PBL Series
Page <1>
19/04/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. Multicomp is the registered trademark of the Group. © Premier Farnell plc 2012.
Specification Table
Features:
• These boxes are moulded in ABS to give maximum strength but can be easily punched or drilled for individual requirements and
to produce a professional looking end product
• They are available in matt black finish
• The base is loose fitting but may be secured in place when the box is clamped to a panel or bulkhead through the two fixing holes
• Alternatively the base may be riveted to the box flange to form a tamperproof housing
• PBL7 case has a separate self-locking base and seven numbered slots are provided for wires or 0.25 inches PCB mounting
blades
• The smart appearance makes it ideal for alarms or automotive applications
Overall Dimensions
Nominal
Wall
Thickness
Overall
Length
Base
Fixing
Holes
Fixing
Centres
Part
Number
A
B
C
D
84
72
32
-
2
105
105 × 71
2
94 × 5
PBL2
84
64
46
-
116
115 × 64
6
42 × 100 × 4
PBL3
100
95
42
120
117
112 × 120
3
84 × 108 × 5
PBL7
Dimensions : Millimetres


Similar Part No. - PBL2

ManufacturerPart #DatasheetDescription
logo
Multicomp Pro
PBL2 MULTICOMP-PBL2 Datasheet
151Kb / 1P
Flanged Boxes PBL Series
19/04/12 V1.1
logo
Banner Engineering Corp...
PBL2100T5X BANNER-PBL2100T5X Datasheet
15Mb / 42P
Fiber Optic Systems
PBL2100TMB5X BANNER-PBL2100TMB5X Datasheet
15Mb / 42P
Fiber Optic Systems
PBL2100UCX BANNER-PBL2100UCX Datasheet
15Mb / 42P
Fiber Optic Systems
PBL2100UHFX BANNER-PBL2100UHFX Datasheet
15Mb / 42P
Fiber Optic Systems
More results

Similar Description - PBL2

ManufacturerPart #DatasheetDescription
logo
FERYSTER Inductive Comp...
TW1-70W FERYSTER-TW1-70W Datasheet
151Kb / 1P
BOXES
TWP2-32 FERYSTER-TWP2-32 Datasheet
84Kb / 1P
BOXES
logo
List of Unclassifed Man...
K825 ETC1-K825 Datasheet
42Kb / 2P
Junction Boxes
GPL1 ETC2-GPL1 Datasheet
113Kb / 1P
Potting Boxes
MB1G ETC2-MB1G Datasheet
110Kb / 1P
Multipurpose Boxes
BM11W ETC2-BM11W Datasheet
94Kb / 1P
ABS Boxes
logo
Pepperl+Fuchs Inc.
V1-6A-E2-10M-PUR PF-V1-6A-E2-10M-PUR Datasheet
576Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-5M-PUR PF-V1-8A-E2-5M-PUR Datasheet
610Kb / 3P
Splitter boxes
2022-03-28
V1-8A-E2-V112 PF-V1-8A-E2-V112 Datasheet
885Kb / 2P
Splitter boxes
2022-06-10
logo
CamdenBoss Ltd.
RX500 CAMDENBOSS-RX500 Datasheet
290Kb / 1P
500 series small flanged ABS boxes
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com