Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AD120 Datasheet(PDF) 4 Page - AMIC Technology

Part # AD120
Description  3-Level / 258 Outputs TFT LCD Gate Driver
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

AD120 Datasheet(HTML) 4 Page - AMIC Technology

  AD120 Datasheet HTML 1Page - AMIC Technology AD120 Datasheet HTML 2Page - AMIC Technology AD120 Datasheet HTML 3Page - AMIC Technology AD120 Datasheet HTML 4Page - AMIC Technology AD120 Datasheet HTML 5Page - AMIC Technology AD120 Datasheet HTML 6Page - AMIC Technology AD120 Datasheet HTML 7Page - AMIC Technology AD120 Datasheet HTML 8Page - AMIC Technology AD120 Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
AD120
PRELIMINARY
(August, 2001, Version 0.0)
3
AMIC Technology, Inc
Input/Output Pin Function
Pin No.
Symbol
I/O
Description
11
CP
I
Clock pulse
7
R /L
I
Right / left direction control for shift register
When
R /L is LOW, data are shifted to the right, or ST1 / ST2
output0
output1
.…
output257.
When R /L is HIGH, data are shifted to the left, or ST1X / ST2X
output257
output256
.
...
output0.
8
XON
I
XON to force all the outputs to VH voltage.
It is not synchronous to CP.
9
XOFF
I
XOFF to force all the outputs to VOFF voltage.
It is not synchronous to CP.
6
OGW
I
Output Gate pulse Width to select output_waveform format.
4,5,
13,14
ST1, ST2,
ST1X, ST2X
I/O
When
R /L is LOW, ST1 / ST2 are defined as inputs while ST1X / ST2X are defined
as outputs .
The synchronized ST1 / ST2 signals are placed at ST1X / ST2X after 256 CP pulses.
When
R /L is HIGH, ST1X / ST2X are defined as inputs, while ST1/ST2 are defined
as outputs.
The synchronized ST1X / ST2X signals are placed at ST1 / ST2 after 256 CP pulses.
18 - 275
OUT0~
OUT257
O
Output drivers
These outputs are synchronized to CP pulses.
The output format and voltage level are controlled by OGW, XON, XOFF , ST1 /
ST2, ST1X / ST2X and
R /L correspondingly as shown in the diagram.
12
VSS
PWR
Reference voltage
10
VDD
PWR
Supply voltage for logic operation
VDD and VSS are voltage levels of input / output logic signals
3, 15
VH
PWR
High voltage for output drivers
1, 17
VL
PWR
Low voltage for output drivers
2, 16
VOFF
PWR
OFF voltage for output drivers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com