Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RT61619SW Datasheet(PDF) 2 Page - Amphenol Corporation

Part # RT61619SW
Description  RT360??industrial circular connectors are multiway connector available in 6 shell sizes and 22 insert
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation

RT61619SW Datasheet(HTML) 2 Page - Amphenol Corporation

  RT61619SW Datasheet HTML 1Page - Amphenol Corporation RT61619SW Datasheet HTML 2Page - Amphenol Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
RT360™ Series Insert Configurations
RT
RTOW
RTHP Radsok®
#16 Contacts (1.6mm)
13A/250V
VDE Versions
Mixed Power/Signal
Contacts
(2.5mm)
#20 Contacts
(1.0mm)
5A/150V (1)
7.5A/150V (2)
Single
Pin Power
Note:SpecifictoRTOW,(1) refers to Stamped and Formed contacts; (2) refers to Machined contacts.
Shell
10
10-4
10-2
2x#16(13A)/2X#20(5A)
350V AC/DC
N/A
10-6
N/A
Shell
12
12-3
12-8
N/A
N/A
12-10
12-1
1x3.6mm (86A)
600V AC/DC
Shell
14
14-12
1x3.6mm
14-2
2x2.5(23A)/2x#16(13A)
350V AC/DC
14-4
(23A)
350V AC/DC
14-19
14-1
1x6mm (116A)
600V AC/DC
Shell
16
16-19
16-4
4x¢3.6(46A)
400 AC/DC
16-9
4x2.5mm
5x#16
N/A
16-26
16-1
1x8mm (185A)
600V AC/DC
Shell
18
18-23
N/A
18-8
(23A) 375V AC/DC
18-32
N/A
Shell
20
20-28
N/A
N/A
20-41
20-1
1x10mm (342A)
600V AC/DC
Note: All dimensions are in mm. Face Views are not actual size and are only meant as a representation.
John Blood, Program Manager
Toll Free: 1.800.394.7732Ext.8641blood@sineco.com
©2011AmphenolSineSystemsCorporation.Everyefforthasbeenmadetoensurethattheinformationcontainedinthisdocumentisaccurateatthetimeofpublication.Specifications
or information stated in this document are subject to change without notice.
www.sineco.com



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com