Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM413 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # LSM413
Description  Video Monitor Kit
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

LSM413 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  LSM413 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Video Monitor Kit
Page <1>
23/06/12 V1.1
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
Important Notice : This data sheet and its contents (the "Information") belong to the members of the Premier Farnell group of companies (the "Group") or are licensed to it. No licence is granted for the use of
it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change without notice and replaces
all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any error in or omission from it or for any use
made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any assumptions based on information included or omitted.
Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the Group was aware of the possibility of such loss or damage arising)
is excluded. This will not operate to limit or restrict the Group's liability for death or personal injury resulting from its negligence. pro-SIGNAL is the registered trademark of the Group. © Premier Farnell plc 2012.
Features:
•• 2 video inputs
•• 1 audio input
•• 1 video output
•• Left and right reverse image
•• Low power consumption
Specifications:
Display Screen
: 4 inches (10 cm)
Active Area
: (W) 82.1 × (H) 61.8 mm
Element
: Colour TFT LCD
Resolution
: (W) 480 × (H) 234 mm
Video System
: PAL : fH : 15.625 KHz
fV : 50 Hz
fC : 4.43 MHz
Power Source
: 12 V dc
Range of Operating Voltage
: 9 V dc to 13 V dc
Viewing Angle
: L / R : 45°C
Top
: 30°C
Down
: 60°C
Maximum Power Consumption
: 340 mA, 5 W
Operating Temperature
: 0°C to 60°C
Storage Temperature
: -20°C to 80°C
Operating Humidity
: 85% RH
Storage Humidity
: 85% RH
Overall Dimension
: (W) 139 × (H) 115 × (D) 36 mm
Reverse Image
: Left and right
Accessories
Rechargeable battery × 1
Carry bag × 1
Adaptor × 1
Power cord ×1
Carry belt × 1, waist belt × 1
RCA / BNC connector × 3
Part Number Table
Description
Part Number
Video Monitor Kit, 4 Inches
LSM413


Similar Part No. - LSM413

ManufacturerPart #DatasheetDescription
logo
Pro-Signal
LSM413 PROSIGNAL-LSM413 Datasheet
113Kb / 1P
Video Monitor Kit
23/06/12 V1.1
More results

Similar Description - LSM413

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE7137 NTE-NTE7137 Datasheet
33Kb / 5P
Integrated Circuit Advanced Monitor Video Controller
NTE855 NTE-NTE855 Datasheet
25Kb / 3P
Integrated Circuit Color TV Video Monitor
logo
NXP Semiconductors
TDA4881 PHILIPS-TDA4881 Datasheet
118Kb / 12P
Advanced monitor video controller
November 1992
TDA4882 PHILIPS-TDA4882 Datasheet
263Kb / 28P
Advanced monitor video controller for OSD
1997 Sep 04
TDA4884 PHILIPS-TDA4884 Datasheet
189Kb / 28P
Advanced monitor video controller for OSD
1997 Nov 26
logo
Daewoo Semiconductor
DBL2056 DAEWOO-DBL2056 Datasheet
247Kb / 5P
R.G.B VIDEO PROCESSOR FOR MONITOR
logo
List of Unclassifed Man...
M51392P ETC1-M51392P Datasheet
14Kb / 1P
VIDEO AMPLIFIER FOR DISPLAY/MONITOR
logo
Analog Devices
EVAL-ADM1185EBZ AD-EVAL-ADM1185EBZ_15 Datasheet
346Kb / 12P
Quad Voltage Monitor and Sequencer Evaluation Kit
Rev. PrA
logo
Maxim Integrated Produc...
DS2438K MAXIM-DS2438K Datasheet
177Kb / 10P
Smart Battery Monitor Evaluation Kit
Rev 1; 8/09
DS2436K MAXIM-DS2436K Datasheet
154Kb / 5P
Battery ID/Monitor Evaluation Kit
080399
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com