Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18F2455EMLSQTP Datasheet(PDF) 69 Page - Microchip Technology

Part # PIC18F2455EMLSQTP
Description  28/40/44-Pin, High-Performance, Enhanced Flash, USB Microcontrollers with nanoWatt Technology
PDF  430 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F2455EMLSQTP Datasheet(HTML) 69 Page - Microchip Technology

Back Button PIC18F2455EMLSQTP Datasheet HTML 65Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 66Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 67Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 68Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 69Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 70Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 71Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 72Page - Microchip Technology PIC18F2455EMLSQTP Datasheet HTML 73Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 430 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39632D-page 67
PIC18F2455/2550/4455/4550
TABLE 5-2:
REGISTER FILE SUMMARY (PIC18F2455/2550/4455/4550)
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on
POR, BOR
Details
on page
TOSU
—
—
—
Top-of-Stack Upper Byte (TOS<20:16>)
---0 0000
51, 58
TOSH
Top-of-Stack High Byte (TOS<15:8>)
0000 0000
51, 58
TOSL
Top-of-Stack Low Byte (TOS<7:0>)
0000 0000
51, 58
STKPTR
STKFUL
STKUNF
—
SP4
SP3
SP2
SP1
SP0
00-0 0000
51, 59
PCLATU
—
—
—
Holding Register for PC<20:16>
---0 0000
51, 58
PCLATH
Holding Register for PC<15:8>
0000 0000
51, 58
PCL
PC Low Byte (PC<7:0>)
0000 0000
51, 58
TBLPTRU
—
—bit 21(1)
Program Memory Table Pointer Upper Byte (TBLPTR<20:16>)
--00 0000
51, 82
TBLPTRH
Program Memory Table Pointer High Byte (TBLPTR<15:8>)
0000 0000
51, 82
TBLPTRL
Program Memory Table Pointer Low Byte (TBLPTR<7:0>)
0000 0000
51, 82
TABLAT
Program Memory Table Latch
0000 0000
51, 82
PRODH
Product Register High Byte
xxxx xxxx
51, 95
PRODL
Product Register Low Byte
xxxx xxxx
51, 95
INTCON
GIE/GIEH
PEIE/GIEL
TMR0IE
INT0IE
RBIE
TMR0IF
INT0IF
RBIF
0000 000x
51, 99
INTCON2
RBPU
INTEDG0
INTEDG1
INTEDG2
—TMR0IP
—RBIP
1111 -1-1
51, 100
INTCON3
INT2IP
INT1IP
—
INT2IE
INT1IE
—
INT2IF
INT1IF
11-0 0-00
51, 101
INDF0
Uses contents of FSR0 to address data memory – value of FSR0 not changed (not a physical register)
N/A
51, 73
POSTINC0
Uses contents of FSR0 to address data memory – value of FSR0 post-incremented (not a physical register)
N/A
51, 74
POSTDEC0
Uses contents of FSR0 to address data memory – value of FSR0 post-decremented (not a physical register)
N/A
51, 74
PREINC0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register)
N/A
51, 74
PLUSW0
Uses contents of FSR0 to address data memory – value of FSR0 pre-incremented (not a physical register) –
value of FSR0 offset by W
N/A
51, 74
FSR0H
—
—
—
—
Indirect Data Memory Address Pointer 0 High Byte
---- 0000
51, 73
FSR0L
Indirect Data Memory Address Pointer 0 Low Byte
xxxx xxxx
51, 73
WREG
Working Register
xxxx xxxx
51
INDF1
Uses contents of FSR1 to address data memory – value of FSR1 not changed (not a physical register)
N/A
51, 73
POSTINC1
Uses contents of FSR1 to address data memory – value of FSR1 post-incremented (not a physical register)
N/A
51, 74
POSTDEC1
Uses contents of FSR1 to address data memory – value of FSR1 post-decremented (not a physical register)
N/A
51, 74
PREINC1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register)
N/A
51, 74
PLUSW1
Uses contents of FSR1 to address data memory – value of FSR1 pre-incremented (not a physical register) –
value of FSR1 offset by W
N/A
51, 74
FSR1H
—
—
—
—
Indirect Data Memory Address Pointer 1 High Byte
---- 0000
51, 73
FSR1L
Indirect Data Memory Address Pointer 1 Low Byte
xxxx xxxx
51, 73
BSR
—
—
—
—
Bank Select Register
---- 0000
52, 63
INDF2
Uses contents of FSR2 to address data memory – value of FSR2 not changed (not a physical register)
N/A
52, 73
POSTINC2
Uses contents of FSR2 to address data memory – value of FSR2 post-incremented (not a physical register)
N/A
52, 74
POSTDEC2
Uses contents of FSR2 to address data memory – value of FSR2 post-decremented (not a physical register)
N/A
52, 74
PREINC2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register)
N/A
52, 74
PLUSW2
Uses contents of FSR2 to address data memory – value of FSR2 pre-incremented (not a physical register) –
value of FSR2 offset by W
N/A
52, 74
FSR2H
—
—
—
—
Indirect Data Memory Address Pointer 2 High Byte
---- 0000
52, 73
FSR2L
Indirect Data Memory Address Pointer 2 Low Byte
xxxx xxxx
52, 73
STATUS
—
—
—N
OV
Z
DC
C
---x xxxx
52, 71
TMR0H
Timer0 Register High Byte
0000 0000
52, 127
TMR0L
Timer0 Register Low Byte
xxxx xxxx
52, 127
T0CON
TMR0ON
T08BIT
T0CS
T0SE
PSA
T0PS2
T0PS1
T0PS0
1111 1111
52, 125
Legend:
x
= unknown, u = unchanged, - = unimplemented, q = value depends on condition. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Bit 21 of the TBLPTRU allows access to the device Configuration bits.
2:
The SBOREN bit is only available when BOREN<1:0> = 01; otherwise, the bit reads as ‘0’.
3:
These registers and/or bits are not implemented on 28-pin devices and are read as ‘0’. Reset values are shown for 40/44-pin devices;
individual unimplemented bits should be interpreted as ‘-’.
4:
RA6 is configured as a port pin based on various primary oscillator modes. When the port pin is disabled, all of the associated bits read ‘0’.
5:
RE3 is only available as a port pin when the MCLRE Configuration bit is clear; otherwise, the bit reads as ‘0’.
6:
RC5 and RC4 are only available as port pins when the USB module is disabled (UCON<3> = 0).
7:
I2C Slave mode only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com