Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1HTEXT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX1HTEXT
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX1HTEXT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX1HTEXT Datasheet HTML 1Page - STATEK CORPORATION CX1HTEXT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Motional Resistance
Motional Capacitance Shunt Capacitance
Quality Factor
Load Capacitance
Turnover Temp.
Range
R1 @ 25°C
C1 @ 25°C
C0 @ 25°C
Q @ 25°C
CL Load
(To) (°C)
Drive Level
530 kHz to 500 Ω @ 1.0 MHz
2.0 fF @ 1.0 MHz
1.1 pF @ 1.0 MHz
190 K @ 1.0 MHz
CX1HT EXT 2.1 MHz
300 Ω @ 1.8432 MHz
2.8 fF @ 1.8432 MHz 1.3 pF @ 1.8432 MHz 110 K @ 1.8432 MHz 7 pF
35°C
3 µW MAX.
600 kHz to 300 Ω @ 600 kHz
2.3 fF @ 32.768 kHz
18 K @ 32.768 kHz
CX4HT EXT 2.5 MHz
500 Ω @ 1.8432 MHz
1.0 fF @ 100 kHz
2.0 pF MAX.
31 K @ 100 kHz
9pF
35°C
3 µW MAX.
10185 Rev B
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-55OC to 125OC
Maximum Process Temperature
260OC, 20 seconds
“S” if special or
custom design.
Blank if Std.
Frequency
M = MHz
K = kHz
Calibration
Tolerance
@ 250C
(in ppm)
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
See Specifications Table below
Calibration Tolerance1
500 ppm (0.05%)
1000 ppm (0.1%)
10000 ppm (1.0%)
Drive Level
3 µW MAX
Load Capacitance2
7 pF
Turning Point (T0)2
35OC
Temperature Coefficient (k)
-0.035 ppm/OC2
Note: Frequency f at temperature T is related to frequency f0 at
turning point temperature T0 by:
Function Mode
Extensional
Aging, first year
5 ppm MAX
Typical Expected Lifetime
1,000 hours @ 200OC
Shock, survival
CX1HT EXT: 750 g, 0.3 ms, 1/2 sine
CX4HT EXT: 1,500 g, 0.3 ms, 1/2 sine
Vibration, survival
10 g RMS, 20-1,000 Hz random
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
1. Tighter tolerances available.
2. Other values available.
+
_
+
_
+
_
PACKAGING OPTIONS
CX1HT EXT, CX4HT EXT
- Tray Pack
- 16 mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet # 10109)
Terminations*
Blank = SM1
= Gold Plated
SM5 = Solder Dipped
(Lead Free)
Temp. Range:
H = 250C to 2000C
S = Customer
Specified Temp.
Range
CX1
CX4
CX1
HT
S
SM5
1.8432 M,
500
/
H
HOW TO ORDER CX1HT EXT and CX4HT EXT CRYSTALS
SPECIFICATIONS TABLE1 (Specifications shown are typical unless otherwise noted.)
f-fo
=
k(T-To)
2
fo
1. For more detailed specifications on low frequency crystals, refer to standard crystal datasheets (CX1 EXT and CX4 EXT.)
HT = High
Temperature
*Other terminations available. Contact factory.
CONVENTIONAL CMOS
PIERCE OSCILLATOR CIRCUIT



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com