Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1VHT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX1VHT
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX1VHT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX1VHT Datasheet HTML 1Page - STATEK CORPORATION CX1VHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency shift after:
Temp. 1,008 hours 1,824 hours
4,320 hours2
8,760 hours2
(Actual Data) (Actual Data) (Projected Data) (Projected Data)
150°C
1.97 ppm
2.51 ppm
3.30 ppm
3.94 ppm
175°C
4.80 ppm
5.66 ppm
6.94 ppm
7.99 ppm
200°C
29.40 ppm 36.82 ppm
47.61 ppm
56.46 ppm
ABSOLUTE MAXIMUM RATINGS
Storage Temperature
-55OC to 125OC
Maximum Process Temperature
260OC for 20 seconds
10183 Rev C
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
“S” if special or
custom design.
Blank if Std.
Frequency
K = kHz
Calibration
Tolerance
@ 250C
(in ppm)
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Frequency Range
See Specifications Table below
Calibration Tolerance1
See Standard Calibration
Tolerance Table at right
Operating Temperature Range -55OC up to +200OC
Frequency Stability
Over Temperature2
Temperature Coefficient (k)
-0.035 ppm/OC²
Aging, first year
5 ppm at 25OC
Shock, survival3
CX1VHT: 1,000 g, 1 ms, 1/2 sine
CX1HHT: 1,000 g, 1 ms, 1/2 sine
CX4VHT: 5,000 g, 0.3 ms, 1/2 sine
CX9VHT: 5,000 g, 0.3 ms, 1/2 sine
Vibration, survival3
20 g RMS, 10-2,000 Hz
1. Tighter frequency calibration available. Contact factory.
2. Where f(T) = Frequency at temperature T
T = Temperature
To = Turnover temperature
fo = Frequency at turnover temperature To
3. Higher shock and vibration available.
PACKAGING OPTIONS
• Tray Pack
• 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet # 10109)
Terminations*
SM1 = Gold Plated
SM5 = Solder Dipped
(Lead Free)
Temp. Range:
H = 00C to 2000C
S = Customer
Specified Temp.
Range
CX1V
CX1H
CX4V
CX9V
CX4V
HT
S
SM5
32.786K,
100
/
H
SPECIFICATIONS TABLE1 (Specifications shown are typical unless otherwise noted.)
f(T) - f(To) = k(T-T
o)
2
f(To)
Standard Calibration Tolerances at 25oC
Frequency Range (kHz)
10-74.9
75-169.9
170-249.9
250-600
±30 ppm
±50 ppm
±100 ppm
±200 ppm
±100 ppm
±100 ppm
±200 ppm
±500 ppm
±1000 ppm
±1000 ppm
±2000 ppm
±5000 ppm
HT = High
Temperature
*Special terminations per customer requirements will be considered. Contact factory.
FREQUENCY SHIFT VS. TIME1
1. The data listed in this table is for a 32.768 kHz CX4 Statek crystal.
2. The data shown for 4,320 hours and 8,760 hours is data that has been projected
using a curve-fitting method.
HOW TO ORDER CX1VHT, CX1HHT, CX4VHT and CX9VHT CRYSTALS
Product1
Frequency Range
Typical for 32.768 kHz at 25 oC
Typical Motional
Resistance at
Drive Level
Motional
Motional
Quality Factor Shunt
Load
Turnover
150 oC
200 oC
Resistance Capacitance
Capacitance Capacitance Temperature
R1
C1
C0
CL2
To
R1
R1
CX1VHT
10 kHz to 600 kHz
40 kΩ
2.3 fF
53 k
1.7 pF
26°C
55 kΩ
73 kΩ
0.5 µW MAX. 10-24.9 kHz
CX4VHT
30 kHz to 250 kHz
70 kΩ
2.3 fF
31 k
1.1 pF
23°C
100 kΩ
125 kΩ
0.5 µW MAX.
CX9VHT
32 kHz to 160 kHz
100 kΩ
2.2 fF
22 k
1.0 pF
22°C
125 kΩ
160 kΩ
0.5 µW MAX.
1. CX1HHT available from 10 kHz to 600 kHz.
2. Other load capacitance available.
9 pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com