Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L1008 Datasheet(PDF) 13 Page - AMIC Technology

Part # LP61L1008
Description  128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1008 Datasheet(HTML) 13 Page - AMIC Technology

Back Button LP61L1008 Datasheet HTML 5Page - AMIC Technology LP61L1008 Datasheet HTML 6Page - AMIC Technology LP61L1008 Datasheet HTML 7Page - AMIC Technology LP61L1008 Datasheet HTML 8Page - AMIC Technology LP61L1008 Datasheet HTML 9Page - AMIC Technology LP61L1008 Datasheet HTML 10Page - AMIC Technology LP61L1008 Datasheet HTML 11Page - AMIC Technology LP61L1008 Datasheet HTML 12Page - AMIC Technology LP61L1008 Datasheet HTML 13Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 13 page
background image
LP61L1008 Series
(June, 2001, Version 2.0)
12
AMIC Technology, Inc.
Package Information
sTSOP 32L TYPE I (8 X 13.4mm) Outline Dimensions
unit: inches/mm
Detail "A"
0.076MM
Detail "A"
S
b
D1
D
LE
L
θ
SEATING PLANE
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.049
-
-
1.25
A1
0.002
-
-
0.05
-
-
A2
0.037
0.039
0.041
0.95
1.00
1.05
b
0.007
0.008
0.009
0.17
0.20
0.23
c
0.0056
0.0059
0.0062
0.142
0.150
0.158
E
0.311
0.315
0.319
7.90
8.00
8.10
e
0.020 TYP
0.50 TYP
D
0.520
0.528
0.535
13.20
13.40
13.60
D1
0.461
0.465
0.469
11.70
11.80
11.90
L
0.012
0.020
0.028
0.30
0.50
0.70
LE
0.0275
0.0315
0.0355
0.700
0.800
0.900
S
0.0109 TYP
0.278 TYP
θ
0
°
3
°
5
°
0
°
3
°
5
°
Notes:
1. The maximum value of dimension D1 includes end flash.
2. Dimension E does not include resin fins.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com