Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L1008A Datasheet(PDF) 2 Page - AMIC Technology

Part # LP61L1008A
Description  128K X 8 BIT 3.3V HIGH SPEED CENTER POWER CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L1008A Datasheet(HTML) 2 Page - AMIC Technology

  LP61L1008A Datasheet HTML 1Page - AMIC Technology LP61L1008A Datasheet HTML 2Page - AMIC Technology LP61L1008A Datasheet HTML 3Page - AMIC Technology LP61L1008A Datasheet HTML 4Page - AMIC Technology LP61L1008A Datasheet HTML 5Page - AMIC Technology LP61L1008A Datasheet HTML 6Page - AMIC Technology LP61L1008A Datasheet HTML 7Page - AMIC Technology LP61L1008A Datasheet HTML 8Page - AMIC Technology LP61L1008A Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LP61L1008A
PRELIMINARY
(August, 2001, Version 1.0)
2
AMIC Technology, Inc.
Block Diagram
DECODER
512 X 2048
MEMORY ARRAY
INPUT
DATA
CIRCUIT
COLUMN I/O
CONTROL
CIRCUIT
VCC
GND
A0
A14
A15
A16
I/O1
I/O8
CE
OE
WE
Pin Description
Pin No.
Symbol
Description
1 - 4, 13 - 21,
29- 32
A0 - A16
Address Inputs
12
WE
Write Enable
28
OE
Output Enable
5
CE
Chip Enable
6 –7, 10 - 11,
22 – 23, 26 - 27
I/O1 - I/O8
Data Input/Outputs
8, 24
VCC
Power Supply
9, 25
GND
Ground



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com