Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCBSMAFST2HAHT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # PCBSMAFST2HAHT
Description  SMA (F) Jack 2 Hole Panel Mount with Solder Post Termination
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCBSMAFST2HAHT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  PCBSMAFST2HAHT Datasheet HTML 1Page - List of Unclassifed Manufacturers PCBSMAFST2HAHT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCBSMAFST2HAHT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SPE-12-8-140/A/WY
Page 2 of 3
1. Introduction
The PCB.SMAFST.2H.A.HT connector was designed to be mounted on a PCB, it has a Solder Post
for connection and 2 Mounting holes. The connector pin is directly soldered onto pads on the PCB.
The connector is a standard SMA (F) Jack. The SMA connector is the most popular type
connector for RF applications. Taoglas connectors are all RoHS compliant.
2. Specification
ELECTRICAL
Impedance
50Ω
Frequency Range
0~12.4 GHz
Working Voltage
Max. 335 Vrms
Dielectric withstanding Voltage
≤1000 Vrms
Insulation Resistance
≥5000M Ω
MECHANICAL
Connector Dimension
11.52 X 15.88 mm
Connector Pin Diameter
1.27 mm
Connector Pin Height
2 mm
Connector Type
SMA (F)
ENVIRONMENTAL
RoHS compliant



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com