Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCBSMAFSTJAHT Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PCBSMAFSTJAHT
Description  SMA (F) Surface Mount PCB Jack
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

PCBSMAFSTJAHT Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PCBSMAFSTJAHT Datasheet HTML 1Page - List of Unclassifed Manufacturers PCBSMAFSTJAHT Datasheet HTML 2Page - List of Unclassifed Manufacturers PCBSMAFSTJAHT Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SPE-12-8-142/A/WY
Page 1 of 3
SPECIFICATION
Part No.
: PCB.SMAFSTJ.A.HT
Product Name
: SMA (F) Surface Mount PCB Jack
Feature
: SMA(F) Jack
Surface Mount PCB Jack
Frequency Range: 0~12.4GHz
Finish: Gold
Leg Length: 2mm
Total Length: 11.00mm
RoHS Compliant


Similar Part No. - PCBSMAFSTJAHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PCBSMAFSTJBHT ETC2-PCBSMAFSTJBHT Datasheet
207Kb / 3P
SMA (F) Surface Mount PCB Jack
More results

Similar Description - PCBSMAFSTJAHT

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EMPCBSMAFSTJBHT ETC2-EMPCBSMAFSTJBHT Datasheet
186Kb / 3P
SMA (F) Jack For Edge PCB Mount
EMPCBSMAFSTJCHT ETC2-EMPCBSMAFSTJCHT Datasheet
153Kb / 3P
SMA (F) Jack For Edge PCB Mount
PCBSMAFSTJBHT ETC2-PCBSMAFSTJBHT Datasheet
207Kb / 3P
SMA (F) Surface Mount PCB Jack
logo
Adam Technologies, Inc.
RF2-17-T-17-50-G ADAM-TECH-RF2-17-T-17-50-G Datasheet
64Kb / 1P
SMA JACK PCB
RF2-19-T-00-50-G ADAM-TECH-RF2-19-T-00-50-G Datasheet
51Kb / 1P
SMA PCB MOUNT JACK
logo
Taoglas antenna solutio...
EMPCB-SMAFSTJ-C TAOGLAS-EMPCB-SMAFSTJ-C Datasheet
190Kb / 4P
SMA(F)JACK FOR EDGE PCB MOUNT
PCB-RPSMAFRA-HT TAOGLAS-PCB-RPSMAFRA-HT Datasheet
245Kb / 3P
RP-SMA(F)RA PCB Mount Jack Connector
PCB-SMAFST-J-B-HT TAOGLAS-PCB-SMAFST-J-B-HT Datasheet
207Kb / 3P
SMA(F) Surface Mount PCB Jack
logo
Linx Technologies
CONSMA020.042-G LINX-CONSMA020.042-G Datasheet
816Kb / 6P
SMA Jack PCB Edge-Mount Connector
2021
CONSMA003.042-L-G LINX-CONSMA003.042-L-G Datasheet
805Kb / 6P
SMA Jack PCB Edge-Mount Connector
2021
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com