Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CM453232-R471L Datasheet(PDF) 4 Page - Bourns Electronic Solutions

Part # CM453232-R471L
Description  SMT Chip Inductors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CM453232-R471L Datasheet(HTML) 4 Page - Bourns Electronic Solutions

  CM453232-R471L Datasheet HTML 1Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 2Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 3Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 4Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 5Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 6Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 7Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 8Page - Bourns Electronic Solutions CM453232-R471L Datasheet HTML 9Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Chip Inductors - CM453232 Series Wirewound
RoHS Compliant
1812 Size
Inductance
Std.
Std. Tol.
1/2
1/2 Tol.
Q
Test Freq.
SRF min.
RDC
IDC
Part Number
µH
Tolerance
Code
Tolerance
Code
min.
MHz
MHz
ohm max
mA max
CM453232-R10<1>L
0.10
±20 %
M
±10 %
K
35
25.2
300
0.18
800
CM453232-R12<1>L
0.12
±20 %
M
±10 %
K
35
25.2
280
0.2
770
CM453232-R15<1>L
0.15
±20 %
M
±10 %
K
35
25.2
250
0.22
730
CM453232-R18<1>L
0.18
±20 %
M
±10 %
K
35
25.2
220
0.24
700
CM453232-R22<1>L
0.22
±20 %
M
±10 %
K
40
25.2
200
0.25
665
CM453232-R27<1>L
0.27
±20 %
M
±10 %
K
40
25.2
180
0.26
635
CM453232-R33<1>L
0.33
±20 %
M
±10 %
K
40
25.2
165
0.28
605
CM453232-R39<1>L
0.39
±20 %
M
±10 %
K
40
25.2
150
0.30
575
CM453232-R47<1>L
0.47
±20 %
M
±10 %
K
40
25.2
145
0.32
545
CM453232-R56<1>L
0.56
±20 %
M
±10 %
K
40
25.2
140
0.36
520
CM453232-R68<1>L
0.68
±20 %
M
±10 %
K
40
25.2
135
0.40
500
CM453232-R82<1>L
0.82
±20 %
M
±10 %
K
40
25.2
130
0.45
475
CM453232-1R0<1>L
1.0
±10 %
K
±5 %
J
50
7.96
100
0.50
450
CM453232-1R2<1>L
1.2
±10 %
K
±5 %
J
50
7.96
80
0.55
430
CM453232-1R5<1>L
1.5
±10 %
K
±5 %
J
50
7.96
70
0.60
410
CM453232-1R8<1>L
1.8
±10 %
K
±5 %
J
50
7.96
60
0.65
390
CM453232-2R2<1>L
2.2
±10 %
K
±5 %
J
50
7.96
55
0.70
380
CM453232-2R7<1>L
2.7
±10 %
K
±5 %
J
50
7.96
50
0.75
370
CM453232-3R3<1>L
3.3
±10 %
K
±5 %
J
50
7.96
45
0.80
355
CM453232-3R9<1>L
3.9
±10 %
K
±5 %
J
50
7.96
40
0.90
330
CM453232-4R7<1>L
4.7
±10 %
K
±5 %
J
50
7.96
35
1.00
315
CM453232-5R6<1>L
5.6
±10 %
K
±5 %
J
50
7.96
33
1.10
300
CM453232-6R8<1>L
6.8
±10 %
K
±5 %
J
50
7.96
27
1.2
285
CM453232-8R2<1>L
8.2
±10 %
K
±5 %
J
50
7.96
25
1.4
270
CM453232-100<1>L
10
±10 %
K
±5 %
J
50
2.52
20
1.6
250
CM453232-120<1>L
12
±10 %
K
±5 %
J
50
2.52
18
2
225
CM453232-150<1>L
15
±10 %
K
±5 %
J
50
2.52
17
2.5
200
CM453232-180<1>L
18
±10 %
K
±5 %
J
50
2.52
15
2.8
190
CM453232-220<1>L
22
±10 %
K
±5 %
J
50
2.52
13
3.2
180
CM453232-270<1>L
27
±10 %
K
±5 %
J
50
2.52
12
3.6
170
CM453232-330<1>L
33
±10 %
K
±5 %
J
50
2.52
11
4
160
CM453232-390<1>L
39
±10 %
K
±5 %
J
50
2.52
10
4.5
150
CM453232-470<1>L
47
±10 %
K
±5 %
J
50
2.52
10
5
140
CM453232-560<1>L
56
±10 %
K
±5 %
J
50
2.52
9
5.5
135
CM453232-680<1>L
68
±10 %
K
±5 %
J
50
2.52
9
6
130
CM453232-820<1>L
82
±10 %
K
±5 %
J
50
2.52
8
7
120
CM453232-101<1>L
100
±10 %
K
±5 %
J
40
2.52
8
8
110
CM453232-121<1>L
120
±10 %
K
±5 %
J
40
0.796
6
8
110
CM453232-151<1>L
150
±10 %
K
±5 %
J
40
0.796
5
9
105
CM453232-181<1>L
180
±10 %
K
±5 %
J
40
0.796
5
9.5
102
CM453232-221<1>L
220
±10 %
K
±5 %
J
40
0.796
4
10
100
CM453232-271<1>L
270
±10 %
K
±5 %
J
40
0.796
4
12
92
CM453232-331<1>L
330
±10 %
K
±5 %
J
40
0.796
3.5
14
85
CM453232-391<1>L
390
±10 %
K
±5 %
J
40
0.796
3
18
80
CM453232-471<1>L
470
±10 %
K
±5 %
J
40
0.796
3
26
62
CM453232-561<1>L
560
±10 %
K
±5 %
J
30
0.796
3
30
50
CM453232-681<1>L
680
±10 %
K
±5 %
J
30
0.796
3
30
50
CM453232-821<1>L
820
±10 %
K
±5 %
J
30
0.796
2.5
35
30
CM453232-102<1>L
1000
±10 %
K
±5 %
J
30
0.252
2.5
40
30
<1> Enter tolerance code from standard or 1/2 tolerance column. Example: CM453232-1R2KL is standard tolerance; CM453232-1R2JL is 1/2 tolerance.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com