Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L256C Datasheet(PDF) 2 Page - AMIC Technology

Part # LP61L256C
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256C Datasheet(HTML) 2 Page - AMIC Technology

  LP61L256C Datasheet HTML 1Page - AMIC Technology LP61L256C Datasheet HTML 2Page - AMIC Technology LP61L256C Datasheet HTML 3Page - AMIC Technology LP61L256C Datasheet HTML 4Page - AMIC Technology LP61L256C Datasheet HTML 5Page - AMIC Technology LP61L256C Datasheet HTML 6Page - AMIC Technology LP61L256C Datasheet HTML 7Page - AMIC Technology LP61L256C Datasheet HTML 8Page - AMIC Technology LP61L256C Datasheet HTML 9Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
LP61L256C
Preliminary
32K X 8 BIT HIGH SPEED CMOS SRAM
PRELIMINARY
(November, 2001, Version 0.0)
1
AMIC Technology, Inc.
Features
n Single +3.3V power supply
n Access times: 12/15 ns (max.)
n Current: Operating: 120mA (max.)
Standby:
5mA (max.)
n Full static operation, no clock or refreshing required
n All inputs and outputs are directly TTL compatible
n Common I/O using three-state output
n Data retention voltage: 2V (min.)
n Available in 28-pin SOJ package
General Description
The LP61L256C is a high-speed, low-power 262,144-bit
static random access memory organized as 32,768
words by 8 bits and operates on a single 3.3V power
supply. It is built using high performance CMOS process.
Inputs and three-state outputs are TTL compatible and
allow for direct interfacing with common system bus
structures.
Minimum standby power is drawn by this device when
CE is at a high level, independent of the other input
levels.
Data retention is guaranteed at a power supply voltage
as low as 2V.
Pin Configurations
n SOJ
A14
A12
A7
A6
A5
A4
A3
A2
A1
A0
I/O0
I/O1
I/O2
GND
I/O3
I/O4
I/O5
I/O6
I/O7
CE
OE
A11
A9
A8
A13
WE
VCC
A10
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com