Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG090113 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # TG090113
Description  Penta-band Cellular Hinged SMA Male Monopole
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG090113 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button TG090113 Datasheet HTML 5Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 6Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 7Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 8Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 9Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 10Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 11Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 12Page - List of Unclassifed Manufacturers TG090113 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
SPE-11-8-032/F/SS | page 9 of 16
SPE-11-8-032/F/SS
Page 10 of 17
Example of upright mounting.
TG.09 mounted at the edge of PCB (upright position)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
600
800
1000 1200 1400 1600 1800 2000 2200 2400
(
MHz)
180
315-90
315-135
270-90
270-135
225-90
225-135
180-90
180-135
0 - 90
90 - 135
Example of upright mounting.
SPE-11-8-032/F/SS
Page 10 of 17
Example of upright mounting.
TG.09 mounted at the edge of PCB (upright position)
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
600
800
1000 1200 1400 1600 1800 2000 2200 2400
(
MHz)
180
315-90
315-135
270-90
270-135
225-90
225-135
180-90
180-135
0 - 90
90 - 135
4.2 TG.09 - Different Rotation Angle
TG.09 mounted at the edge of PCB (upright position)
90%
80%
70%
60%
50%
40%
30%
20%
10%
0%
600
800
1000
1200
1400
1600
1800
2000
2200
2400
(MHz)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com