Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP61L256CS-12 Datasheet(PDF) 11 Page - AMIC Technology

Part # LP61L256CS-12
Description  32K X 8 BIT HIGH SPEED CMOS SRAM
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP61L256CS-12 Datasheet(HTML) 11 Page - AMIC Technology

Back Button LP61L256CS-12 Datasheet HTML 3Page - AMIC Technology LP61L256CS-12 Datasheet HTML 4Page - AMIC Technology LP61L256CS-12 Datasheet HTML 5Page - AMIC Technology LP61L256CS-12 Datasheet HTML 6Page - AMIC Technology LP61L256CS-12 Datasheet HTML 7Page - AMIC Technology LP61L256CS-12 Datasheet HTML 8Page - AMIC Technology LP61L256CS-12 Datasheet HTML 9Page - AMIC Technology LP61L256CS-12 Datasheet HTML 10Page - AMIC Technology LP61L256CS-12 Datasheet HTML 11Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
LP61L256C Series
PRELIMINARY
(November, 2001, Version 0.0)
10
AMIC Technology, Inc.
Package Information
SOJ 28L Outline Dimensions
unit: inches/mm
1
e
e1
14
15
28
S
D
Seating Plane
y
b1
b
Dimensions in inches
Dimensions in mm
Symbol
Min
Nom
Max
Min
Nom
Max
A
-
-
0.140
-
-
3.56
A1
0.027
-
-
0.69
-
-
A2
0.095
0.100
0.105
2.41
2.54
2.67
b1
0.028 TYP
0.71 TYP
b
0.018 TYP
0.46 TYP
C
0.010 TYP
0.25 TYP
D
-
0.710
0.730
-
18.03
18.54
E
0.295
0.300
0.305
7.49
7.62
7.75
e
0.050 BSC
1.27 BSC
e1
0.255
0.265
0.275
6.48
6.73
6.99
HE
0.329
0.337
0.345
8.36
8.56
8.76
L
0.077
0.087
0.097
1.96
2.21
2.46
S
-
-
0.045
-
-
1.14
y
-
-
0.004
-
-
0.10
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E does not include resin fins.
3. Dimension e1 is for PC Board surface mount pad pitch design
reference only.
4. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com