Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TG220111W Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # TG220111W
Description  PENTA BAND CELLULAR CONNECTOR MOUNT MONOPOLE HELICAL ANTENNA
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

TG220111W Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  TG220111W Datasheet HTML 1Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 2Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 3Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 4Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 5Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 6Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 7Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 8Page - List of Unclassifed Manufacturers TG220111W Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
SPE-11-8-113/D/SS
Page 4 of 12
3.2 Efficiency (dB)
TG-22-0111
Frequency
Efficiency
824
13.18%
836
14.31%
849
15.37%
869
16.30%
880
16.21%
894
15.43%
900
16.01%
915
16.83%
925
18.20%
940
19.92%
960
17.11%
1575
14.98%
1710
18.33%
1750
17.96%
1785
18.03%
1805
17.45%
1840
17.55%
1850
18.01%
1880
17.90%
1910
17.13%
1920
18.18%
1930
17.50%
1950
18.53%
1960
18.48%
1980
18.81%
1990
18.35%
2110
18.62%
2140
18.72%
2170
17.92%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com