Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024D-T Datasheet(PDF) 13 Page - AMIC Technology

Part # LP621024D-T
Description  128K X 8 BIT CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024D-T Datasheet(HTML) 13 Page - AMIC Technology

Back Button LP621024D-T Datasheet HTML 8Page - AMIC Technology LP621024D-T Datasheet HTML 9Page - AMIC Technology LP621024D-T Datasheet HTML 10Page - AMIC Technology LP621024D-T Datasheet HTML 11Page - AMIC Technology LP621024D-T Datasheet HTML 12Page - AMIC Technology LP621024D-T Datasheet HTML 13Page - AMIC Technology LP621024D-T Datasheet HTML 14Page - AMIC Technology LP621024D-T Datasheet HTML 15Page - AMIC Technology LP621024D-T Datasheet HTML 16Page - AMIC Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LP621024D-T Series
(August, 2001, Version 1.0)
13
AMIC Technology, Inc.
Package Information
P-DIP 32L Outline Dimensions
unit: inches/mm
1
32
S
E
eA
D
α
B1
B
Base Plane
Seating Plane
16
17
e1
Symbol
Dimensions in inches
Dimensions in mm
A
0.210 Max.
5.33 Max.
A1
0.010 Min.
0.25 Min.
A2
0.155±0.010
3.94±0.25
B
0.018 +0.004
0.46 +0.10
-0.002
-0.05
B1
0.050 +0.004
1.27 +0.10
-0.002
-0.05
C
0.010 +0.004
0.25 +0.11
-0.002
-0.05
D
1.650 Typ. (1.670 Max.)
41.91 Typ. (42.42 Max.)
E
0.600±0.010
15.24±0.25
E1
0.550 Typ. (0.562 Max.)
13.97 Typ. (14.27 Max.)
e1
0.100±0.010
2.54±0.25
L
0.130±0.010
3.30±0.25
α
0
° ~ 15°
0
° ~ 15°
eA
0.655±0.035
16.64±0.89
S
0.090 Max.
2.29 Max.
Notes:
1. The maximum value of dimension D includes end flash.
2. Dimension E1 does not include resin fins.
3. Dimension S includes end flash.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com