Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CV201210-R10K Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # CV201210-R10K
Description  Ferrite Multi-Layer Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CV201210-R10K Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  CV201210-R10K Datasheet HTML 1Page - Bourns Electronic Solutions CV201210-R10K Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CV201210 Series - Ferrite Multi-Layer Chip Inductors
*RoHS Directive 2002/95/EC Jan 27, 2003 including Annex.
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
Bourns Part No.
Inductance
Q
Test Freq.
SRF MHz
DCR
I rms
µH
Tol. %
min.
L,Q MHz
min.
mΩ max.
mA max.
CV201210-47NK
0.047
± 10
15
50*
320
200
300
CV201210-68NK
0.068
± 10
15
50
280
200
300
CV201210-82NK
0.082
± 10
15
50
255
200
300
CV201210-R10K
0.10
± 10
20
25
235
300
250
CV201210-R12K
0.12
± 10
20
25
220
300
250
CV201210-R15K
0.15
± 10
20
25
200
400
250
CV201210-R18K
0.18
± 10
20
25
185
400
250
CV201210-R22K
0.22
± 10
20
25
170
500
250
CV201210-R27K
0.27
± 10
20
25
150
500
250
CV201210-R33K
0.33
± 10
20
25
145
550
250
CV201210-R39K
0.39
± 10
25
25
135
650
200
CV201210-R47K
0.47
± 10
25
25
125
650
200
CV201210-R56K
0.56
± 10
25
25
115
750
150
CV201210-R68K
0.68
± 10
25
25
105
800
150
CV201210-R82K
0.82
± 10
25
25
100
1000
150
CV201210-1R0K
1.0
± 10
45
10
75
400
50
CV201210-1R2K
1.2
± 10
45
10
65
500
50
CV201210-1R5K
1.5
± 10
45
10
60
500
50
CV201210-1R8K
1.8
± 10
45
10
55
600
50
CV201210-2R2K
2.2
± 10
45
10
50
650
30
CV201210-2R7K
2.7
± 10
45
10
45
750
30
CV201210-3R3K
3.3
± 10
45
10
41
800
30
CV201210-3R9K
3.9
± 10
45
10
38
900
30
CV201210-4R7K
4.7
± 10
45
10
35
1000
30
CV201210-5R6K
5.6
± 10
45
4
32
900
15
CV201210-6R8K
6.8
± 10
45
4
29
1000
15
CV201210-8R2K
8.2
± 10
45
4
26
1100
15
CV201210-100K
10
± 10
45
2
24
1150
15
CV201210-120K
12
± 10
45
2
22
1250
5
CV201210-150K
15
± 10
30
1
19
800
5
CV201210-180K
18
± 10
30
1
18
900
5
CV201210-220K
22
± 10
30
1
16
1100
5
CV201210-270K
27
± 10
30
1
14
1150
5
CV201210-330K
33
± 10
30
0.4
13
1250
5
9.0
(.354)
12.0
(.472)
2.0 ± 0.8
(.079 ± .031)
60.0
(2.362)
178.0
(7.00)
DIA.
13.5 ± 0.5
(.531 ± .020)
DIA.
13.0 ± 0.5
(.512 ± .020)
DIA.
21.0 ± 0.8
(.827 ± .031)
Packaging Specifications
Features
■ 0805 size
■ Magnetic shielding
■ Height as low as 0.85 mm
■ Nickel barrier
■ RoHS compliant*
Applications
■ Prevention of electromagnetic
interference to signals on the secondary
side of electronic equipment
Electrical Specifications
Product Dimensions
Recommended Layout
2.0 ± 0.2
(.079 ± .008)
0.5 ± 0.3
(0.02 ± 0.008)
1.25 ± 0.20
(0.49 ± 0.008)
A ± 0.20
(A ± 0.008)
General Specifications
Temperature Rise
...................30 ˚C max. at rated current
Operating Temperature
..................................-55 °C to +125 °C
Storage Temperature
.................................-55 °C to +125 °C
Reflow Soldering ...230 °C, 50 sec. max.
Resistance to Soldering Heat
...............................260 ˚C, 10 seconds
Materials
Base Material ................................Ferrite
Terminal.....................................Ag/Ni/Sn
Packaging:
0.85 mm product height
................................4,000 pcs. per reel
1.25 mm product height
................................2,000 pcs. per reel
1.0
(.039)
1.0
(.039)
3.0
(.118)
DIMENSIONS:
MM
(INCHES)
Model
Dimension A
CV201210-47NK through
CV201210-R39K
CV201210-R47K through
CV201210-R82K
CV201210-1R0K through
CV201210-2R2K
CV201210-2R7K through
CV201210-330K
0.85
(0.033)
1.25
(0.050)
0.85
(0.033)
1.25
(0.050)
*Test Frequency for L (inductance) of CV201210-47NK is 10 MHz.


Similar Part No. - CV201210-R10K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CV201210 BOURNS-CV201210 Datasheet
252Kb / 2P
Series - Ferrite Multi-Layer Chip Inductors
More results

Similar Description - CV201210-R10K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
CS160808 BOURNS-CS160808 Datasheet
273Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS201212 BOURNS-CS201212 Datasheet
307Kb / 2P
Ferrite Multi-Layer Chip Inductors
CS321613 BOURNS-CS321613 Datasheet
286Kb / 2P
Ferrite Multi-Layer Chip Inductors
logo
Central Technologies
CTML0603 CT-CTML0603 Datasheet
202Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805 CT-CTML0805 Datasheet
228Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206 CT-CTML1206 Datasheet
198Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0402F CT-CTML0402F Datasheet
278Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0603F CT-CTML0603F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML0805F CT-CTML0805F Datasheet
129Kb / 1P
Multi-layer Chip Inductors - Ferrite
CTML1206HCF CT-CTML1206HCF Datasheet
81Kb / 1P
Multi-layer Chip Inductors - Ferrite
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com