Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CW100505-R10J Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # CW100505-R10J
Description  CW100505 Series High Q Ceramic Chip Inductors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

CW100505-R10J Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  CW100505-R10J Datasheet HTML 1Page - Bourns Electronic Solutions CW100505-R10J Datasheet HTML 2Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
REV. 08/13
Specifications are subject to change without notice.
The device characteristics and parameters in this data sheet can and do vary in different applications and actual device performance may vary over time.
Users should verify actual device performance in their specific applications.
CW100505 Series High Q Ceramic Chip Inductors
Packaging Specifications
10.0 +0
(.394 +0)
12.5
(.492)
2.0
± 0.5
(.079
± .020)
50.0 -0
(1.969 -0)
178
(7.008)
DIA.
13.0
(.512)
DIA.
13.0
(.512)
DIA.
21.0
± 0.8
(.827
± .031)
USER DIRECTION OF FEED
200
(7.874)
MIN.
NO COMPONENT
NO COMPONENT
COMPONENTS
400
(15.748)
MIN.
START
4
(.157)
2
(.079)
END
L vs. Frequency
100
80
60
40
20
0
1
10
100
Frequency (MHz)
1000
10000
-27NJ
-12NJ
-5N6J
-1N0D
120
100
80
40
20
0
1
10
100
Frequency (MHz)
1000
10000
60
-27NJ
-12NJ
-5N6J
-1N0D
Q vs. Frequency
DIMENSIONS:
MM
(INCHES)
Asia-Pacific: Tel: +886-2 2562-4117 • Fax: +886-2 2562-4116
Europe: Tel: +41-41 768 5555 • Fax: +41-41 768 5510
The Americas: Tel: +1-951 781-5500 • Fax: +1-951 781-5700
www.bourns.com
10,000 PCS. PER REEL



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com