Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP621024D-70LL Datasheet(PDF) 9 Page - AMIC Technology

Part # LP621024D-70LL
Description  128K X 8 BIT CMOS SRAM
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology

LP621024D-70LL Datasheet(HTML) 9 Page - AMIC Technology

Back Button LP621024D-70LL Datasheet HTML 5Page - AMIC Technology LP621024D-70LL Datasheet HTML 6Page - AMIC Technology LP621024D-70LL Datasheet HTML 7Page - AMIC Technology LP621024D-70LL Datasheet HTML 8Page - AMIC Technology LP621024D-70LL Datasheet HTML 9Page - AMIC Technology LP621024D-70LL Datasheet HTML 10Page - AMIC Technology LP621024D-70LL Datasheet HTML 11Page - AMIC Technology LP621024D-70LL Datasheet HTML 12Page - AMIC Technology LP621024D-70LL Datasheet HTML 13Page - AMIC Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
LP621024D Series
(August, 2001, Version 1.0)
9
AMIC Technology, Inc.
Timing Waveforms (continued)
Write Cycle 2
(Chip Enable Controlled)
tWC
Address
CE1
CE2
DIN
tDH
tDW
(4)
(4)
tCW5
tAW
tWR3
WE
DOUT
tWHZ7
tWP2
tCW5
tAS1
Notes: 1. tAS is measured from the address valid to the beginning of Write.
2. A Write occurs during the overlap (tWP) of a low CE1, a high CE2 and a low WE .
3. tWR is measured from the earliest of CE1 or WE going high or CE2 going low to the end of the Write cycle.
4. If the CE1 low transition or the CE2 high transition occurs simultaneously with the WE low transition or after
the WE transition, outputs remain in a high impedance state.
5. tCW is measured from the later of CE1 going low or CE2 going high to the end of Write.
6. OE is continuously low. ( OE = VIL)
7. Transition is measured
±500mV from steady state. This parameter is sampled and not 100% tested.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com