Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SCANSTA111 Datasheet(PDF) 19 Page - Texas Instruments

Click here to check the latest version.
Part # SCANSTA111
Description  SCANSTA111 Enhanced SCAN Bridge
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SCANSTA111 Datasheet(HTML) 19 Page - Texas Instruments

Back Button SCANSTA111 Datasheet HTML 15Page - Texas Instruments SCANSTA111 Datasheet HTML 16Page - Texas Instruments SCANSTA111 Datasheet HTML 17Page - Texas Instruments SCANSTA111 Datasheet HTML 18Page - Texas Instruments SCANSTA111 Datasheet HTML 19Page - Texas Instruments SCANSTA111 Datasheet HTML 20Page - Texas Instruments SCANSTA111 Datasheet HTML 21Page - Texas Instruments SCANSTA111 Datasheet HTML 22Page - Texas Instruments SCANSTA111 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 38 page
background image
SCANSTA111
www.ti.com
SNLS060K – AUGUST 2001 – REVISED APRIL 2013
This signature compactor is used to compress serial data shifted in from the local scan chain, into a 16-bit
signature. This signature can then be shifted out for comparison with an expected value. This allows users to test
long scan chains in parallel, via Broadcast or Multi-Cast addressing modes, and check only the 16-bit signatures
from each module. The LFSR is initialized with a value of 0000 Hex upon reset.
32-BIT TCK COUNTER REGISTER
The 32-bit TCK counter register enables BIST testing that requires n TCK cycles, to be run on a parked LSP
while another 'STA111 port is being tested. The CNTRSEL instruction can be used to load a count-down value
into the counter register via the active scan chain. When the counter is enabled (via the CNTRON instruction),
and the LSP is parked, the local TCKs will stop and be held low when terminal count is reached.
The TCK counter is initialized with a value of 00000000 Hex upon reset.
Table 11. Dedicated GPIO Registern (HDL only)
BIT
7
6
5
4
3
2
1
0
Description
Input
Input
Input
Input
Output
Output
Output
Output
Table 12. Shared GPIO Registern
BIT
7
6
5
4
3
2
1
0
Description
Reserved
Reserved
Reserved
Reserved
Reserved
Input (TDI)
Output (TDO) Output (TMS)
Used in
N
N
N
N
N
Y
Y
Y
Silicon
Default Value
0
0
0
0
0
0
0
0
SPECIAL FEATURES
TRANSPARENT MODE
While this mode is activated, the selected LSP n ports will follow the backplane ports. TRSTn is a buffered
version of TRSTB, TCKn is a buffered version of TCKB, TMSn is a buffered version of TMSB, TDOn is a buffered
version of TDIB and TDOB is a buffered version of TDIn. TRISTB and TRISTn are asserted when the state
machine is in either the Shift-DR or Shift-IR states. The unselected LSPs are placed in the PARKTLR state, and
their clocks are gated after 512 TCKB clock cycles.
Transparent Mode is controlled by 8 new instructions, TRANSPARENT0 through TRANSPARENT7. Transparent
Mode overrides any other active mode. When one of the transparent mode instruction is shifted into the
instruction register and the tap controller goes through the UPDATE-IR state, TRSTn will go high, and TMSn will
go low. This will force the targets connected to the LSPn ports to go into the RTI state. Then as the 'STA111
state machine goes into the RTI state, all of the LSPn signals will follow the back-plane signals. This is identical
to the method that is typically used to unpark an LSP. The 'STA111 will remain in this mode until a TRSTB is
asserted or a power cycle forces a reset. Once in the Transparent Mode, the 'STA111 will not be able to be reset
by a 5 TMS high reset.
The sequence of operations to use Transparent Mode on an LSP are as follows (example uses LSP0 ):
1. IR-Scan the 'STA111 address into the instruction register (address a 'STA111).
2. IR-Scan the TRANSPARENT0 instruction to enable Transparent Mode on LSP0. Transparent Mode is
enabled when the TAP enters the RTI state at the end of this shift operation (TRST0, TDO0, TMS0 and TCK0
become buffered versions of TRSTB, TDIB, TMSB and TCKB and TDOB becomes a buffered version of TDI0).
NOTE
Transparent Mode will persist until the 'STA111 is reset using TRSTB. The GOTOWAIT
and SOFTRESET instructions will not work in this mode.
Copyright © 2001–2013, Texas Instruments Incorporated
Submit Documentation Feedback
19
Product Folder Links: SCANSTA111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com