Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX1HT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CX1HT
Description  HIGH TEMPERATURE CRYSTALS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX1HT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CX1HT Datasheet HTML 1Page - STATEK CORPORATION CX1HT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUGGESTED LAND PATTERN
DESCRIPTION
An increasing number of applications require the use of
high-temperature crystals. For these applications, Statek
offers the CX1HT, CX4HT, and CX9HT crystals. These
crystals are designed to operate at temperatures up to and
including 225ºC. The frequency range offered is 6 MHz to
250 MHz for CX1HT and 14 MHz to 250 MHz for CX4HT
and CX9HT crystals. The expected life at 200ºC is in
excess of 1,000 hours.
FEATURES
High temperature operation up to 225
OC
High shock resistance
Hermetically sealed ceramic package
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
PACKAGE DIMENSIONS
CX1HT
CX4HT
CX9HT
MAXIMUM
MAXIMUM
MAXIMUM
DIM
inches
mm
inches
mm
inches
mm
A
0.330
8.38
0.210
5.33
0.170
4.32
B
0.155
3.94
0.085
2.16
0.068
1.73
C (SM1)
0.070
1.78
0.050
1.27
0.038
0.97
C (SM5)
0.075
1.90
0.053
1.35
0.040
1.02
D
0.055
1.40
0.046
1.16
0.038
0.97
E
0.070
1.78
0.020
0.51
F
0.070
1.78
0.025
0.64
CX9HT
CX4HT
CX9HT
HIGH TEMPERATURE CRYSTALS
High Temperature/High Shock/High Frequency
6 MHz - 250 MHz
14 MHz - 250 MHz
14 MHz - 250 MHz
10184 Rev F
CX4HT
DIMENSIONS
CX1HT
CX4HT
CX9HT
CX1HT
CX1HT


Similar Part No. - CX1HT

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
CX1HT-06 STATEK-CX1HT-06 Datasheet
317Kb / 2P
HIGH TEMPERATURE CRYSTALS
logo
IQD Frequency Products ...
CX1HT-AT IQD-CX1HT-AT Datasheet
139Kb / 2P
Quartz Crystal Specification
CX1HT-EXT IQD-CX1HT-EXT Datasheet
137Kb / 2P
Quartz Crystal Specification
logo
STATEK CORPORATION
CX1HT-EXT STATEK-CX1HT-EXT_09 Datasheet
197Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1HTEXT STATEK-CX1HTEXT Datasheet
197Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results

Similar Description - CX1HT

ManufacturerPart #DatasheetDescription
logo
MTRONPTI
ATS-49 MTRONPTI-ATS-49 Datasheet
271Kb / 1P
Crystals
CIM MTRONPTI-CIM Datasheet
236Kb / 1P
Crystals
ATS12 MTRONPTI-ATS12 Datasheet
284Kb / 2P
Crystals
ATS49MP1 MTRONPTI-ATS49MP1 Datasheet
262Kb / 2P
Crystals
logo
EUROQUARTZ limited
X22 EUROQUARTZ-X22 Datasheet
95Kb / 1P
CRYSTALS
logo
MTRONPTI
ATS-1 MTRONPTI-ATS-1_07 Datasheet
314Kb / 2P
Crystals
logo
Pletronics, Inc.
CY39 PLETRONICS-CY39 Datasheet
40Kb / 1P
Crystals
logo
STATEK CORPORATION
CX1HT-06 STATEK-CX1HT-06 Datasheet
317Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1HT-EXT STATEK-CX1HT-EXT_09 Datasheet
197Kb / 2P
HIGH TEMPERATURE CRYSTALS
CX1VHT STATEK-CX1VHT_11 Datasheet
267Kb / 2P
HIGH TEMPERATURE CRYSTALS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com