Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CX9 Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CX9
Description  Low Profile, Ultra Miniature Surface Mount AT Quartz Crystal
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CX9 Datasheet(HTML) 2 Page - STATEK CORPORATION

  CX9 Datasheet HTML 1Page - STATEK CORPORATION CX9 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
HOW TO ORDER CX9 TELEMETRY CRYSTALS
CX9
S
C
SM2
–
24.0M
,
30
/
10
/
—
/
C
,
3 pF
Frequency
M = MHz
C = Ceramic Lid
SM1 = Gold Plated
(Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
(Lead Free)
SM5 = Solder Dipped
(Lead Free)
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10187 Rev B
TERMINATIONS
Designation Termination
SM1
Gold Plated (Lead Free)
SM2
Solder Plated
SM3
Solder Dipped
SM4
Solder Plated (Lead Free)
SM5
Solder Dipped (Lead Free)
Max Process Temperature 260OC for 20 sec.
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Fundamental Frequency 14.7456 MHz 24.0 MHz 26.5 MHz
Motional Resistance R1(Ω)80
30
30
Motional Capacitance C1 (fF)
1.2
1.6
1.8
Quality Factor Q (k)
115
150
100
Shunt Capacitance C0 (pF)
0.6
0.8
0.8
Calibration Tolerance1
±40 ppm, or tighter as required
Load Capacitance
10 pF (unless specified otherwise)
Drive Level
200 µW MAX
Frequency-Temperature
±50 ppm
to ±10 ppm (Commercial)
Stability1,2
±100 ppm to ±20 ppm (Industrial)
±100 ppm to ±30 ppm (Military)
Aging, first year3
5 ppm MAX (better than 1 ppm available)
Shock, survival
5,000 g, 0.3 ms, 1/2 sine
Vibration, survival4
20 g, 10-2,000 Hz swept sine
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
Storage Temp. Range
-55OC to +125OC
Max Process Temperature 260OC for 20 sec.
1. Other tolerances available. Contact factory.
2. Does not include calibration tolerance. The characteristics of the frequency stability over
temperature follow that of the AT thickness-shear mode.
3. 5 ppm MAX for frequencies below 40 MHz. For tighter tolerances and higher frequencies
contact factory.
4. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also available.
PACKAGING OPTIONS
• Tray Pack
• 16mm tape, 7” or 13” reels
Per EIA 481 (see Tape and Reel data sheet 10109)
C0
C1
R1
2
1
L1
EQUIVALENT CIRCUIT
R
1 Motional Resistance
L
1 Motional Inductance
C
1 Motional Capacitance
C
0 Shunt Capacitance
“S” if special or
custom design.
Blank if Std.
Frequency
Stability over
Temp.Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
Temp. Range:
C=-10OC to +70OC
I =-40OCto+85OC
S= Customer Specified
—/
—
/
40
/
C
,
3 pF
Total
Frequency
Tolerance
(in ppm)
Operating Temp. Range:
C=-10OC to +70OC
I =-40OCto+85OC
S= Customer Specified
OR
Note: Crystals with SM1, SM4 and SM5 terminations are Pb-free.
Crystals with SM2 and SM3 terminations contain Pb
Load
Capacitance
(Customer
Specified)
Load
Capacitance
(Customer
Specified)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com