Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

627122 Datasheet(PDF) 1 Page - API Technologies Corp

Part # 627122
Description  PHASE LOCKED OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APITECH [API Technologies Corp]
Direct Link  http://www.apitech.com/
Logo APITECH - API Technologies Corp

627122 Datasheet(HTML) 1 Page - API Technologies Corp

  627122 Datasheet HTML 1Page - API Technologies Corp 627122 Datasheet HTML 2Page - API Technologies Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CHARACTERISTIC
TYPICAL
MIN/MAX
Ta= 25 ºC
Ta = -20 ºC to +70 ºC
Frequency
13 GHz
13 GHz
Supply Power DC
15
15
mA
120
125
PHASE LOCKED OSCILLATOR
MODEL 627122 (13 GHz)
VSWR
1.5
2.0
Phase Noise (dB)
-57 dBc/Hz @ 10 Hz
-82 dBc/Hz @ 100 Hz
-110 dBc/Hz @ 1 KHz
-118 dBc/Hz @ 10 KHz
-122 dBc/Hz @ 100 KHz
Spurious (dBc)
-70
-60
Variation Over
Temperature (dBm)
+/- 0.75 dBm
+/- 1 dBm
Output Power (dBm)
+13
+12
Specifications
Features
!
!
!
!
! Low Phase Noise: -82 dBc/Hz @ 100 Hz
!
!
!
!
! Low Spurious: -70 dBc Typical
!
!
!
!
! External Reference: 100 MHz
!
!
!
!
! Environmental Screening Available
Harmonics (dBc)
-25
-20
External Reference
(MHz)
100
100
Lock Indicator
TTL (High=Locked)
TTL (Low=Unlocked)
Storage Temperature
-55 ºC
+125 ºC
Spectrum Microwave, Inc.
2707 Black Lake Place Phila, Pa. 19154
www.SpectrumMicrowave.com
PH: 215-464-4000 FAX: 215-464-4001
Rev.
7/16/08
Description
Spectrum Microwave’s Series 600 Phase Locked
Oscillators use a High “Q” Dielectric Resonator in
the resonant circuit. The circuit is lightly loaded to
obtain the lowest phase noise possible.
The resonator is screwed to a printed circuit
board and well grounded to minimize modulation
sidebands during shock and vibration.
Isolators are used to provide isolation from load
VSWRs. Regulators filter noise on the DC input
voltage.
Internal reference models are also available.
A lock indicator circuit is provided to signal an
out-of-lock condition.


Similar Part No. - 627122

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
627122 SPECTRUM-627122 Datasheet
87Kb / 2P
PHASE LOCKED OSCILLATOR
More results

Similar Description - 627122

ManufacturerPart #DatasheetDescription
logo
Spectrum Microwave, Inc...
611212 SPECTRUM-611212 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611213 SPECTRUM-611213 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611215 SPECTRUM-611215 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611219 SPECTRUM-611219 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611230 SPECTRUM-611230 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611231 SPECTRUM-611231 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611233 SPECTRUM-611233 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611234 SPECTRUM-611234 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611236 SPECTRUM-611236 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
611238 SPECTRUM-611238 Datasheet
78Kb / 2P
PHASE LOCKED OSCILLATOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com