Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOHT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # CXOHT
Description  HIGH TEMPERATURE OSCILLATORS
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOHT Datasheet(HTML) 1 Page - STATEK CORPORATION

  CXOHT Datasheet HTML 1Page - STATEK CORPORATION CXOHT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SUGGESTED LAND PATTERN
DESCRIPTION
An increasing number of applications require the use of high-
temperature oscillators. For these applications, Statek offers
the CXOHT, CXOMKHT, and CXOXHT oscillators. These
oscillators are designed to operate at temperatures up to
200ºC with high shock survivability.
FEATURES
High temperature operation up to 200
OC
Excellent stability over temperature
Fast start-up
High shock resistance
CMOS and TTL compatible
Optional output enable/disable
Low EMI emission
Hermetically sealed ceramic package
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
PIN CONNECTIONS
1. Enable/Disable (E or T) or No Connection (N)
2. Ground
3. Output
4.
V
DD
PACKAGE DIMENSIONS
CXOHT
CXOMKHT
CXOXHT
DIMENSIONS
MAXIMUM
MAXIMUM
MAXIMUM
DIM
inches
mm
inches
mm
inches
mm
A
0.405 10.29
0.263
6.68
0.136
3.40
B
0.190
4.83
0.204
5.18
0.107
2.70
C (SM1)
0.055
1.40
0.060
1.52
0.043
1.09
C (SM3/SM5) 0.063
1.60
0.065
1.65
0.048
1.21
D
0.350
8.89
0.065
1.65
0.041
1.10
E
0.135
3.43
0.070
1.78
0.031
0.85
F
0.060
1.52
CXOHT
CXOMKHT
CXOXHT
CXOHT
CXOMKHT
CXOXHT
HIGH TEMPERATURE OSCILLATORS
High Temperature/High Shock
10180 - Rev D
CXOHT
CXOMKHT
CXOXHT
320 kHz - 50 MHz
200 kHz - 50 MHz
1 MHz - 50 MHz


Similar Part No. - CXOHT

ManufacturerPart #DatasheetDescription
logo
RSG Electronic Componen...
CXOHT4SHGE RSG-CXOHT4SHGE Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOHT4SHGESM3 RSG-CXOHT4SHGESM3 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOHT4SHGESM5 RSG-CXOHT4SHGESM5 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOHT4SHGN RSG-CXOHT4SHGN Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
CXOHT4SHGNSM3 RSG-CXOHT4SHGNSM3 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
More results

Similar Description - CXOHT

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
TC-210 VECTRON-TC-210 Datasheet
404Kb / 5P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
logo
List of Unclassifed Man...
IQTCXO-250 ETC1-IQTCXO-250 Datasheet
49Kb / 2P
Temperature compensated crystal oscillators
C17SA ETC2-C17SA Datasheet
49Kb / 1P
MILITARY STANDARD HIGH TEMPERATURE OSCILLATORS
logo
Vectron International, ...
RCR7HYA17C160 VECTRON-RCR7HYA17C160 Datasheet
132Kb / 7P
Temperature Compensated Crystal Oscillators
logo
RSG Electronic Componen...
CXOHT4SHGESM3 RSG-CXOHT4SHGESM3 Datasheet
178Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
Vectron International, ...
6825 VECTRON-6825 Datasheet
457Kb / 4P
Temperature Compensated Crystal Oscillators
logo
STATEK CORPORATION
CXOMKHT STATEK-CXOMKHT Datasheet
579Kb / 2P
HIGH TEMPERATURE OSCILLATORS
logo
Kyocera Kinseki Corpota...
KT5032 KSS-KT5032_18 Datasheet
69Kb / 1P
Temperature Compensated Crystal Oscillators
logo
Raltron Electronics Cor...
TX100 RALTRON-TX100 Datasheet
68Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
TX125 RALTRON-TX125 Datasheet
35Kb / 3P
TEMPERATURE COMPENSATED CRYSTAL OSCILLATORS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com