Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CXOLAT Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # CXOLAT
Description  Ultra-Low Power/Fast Start-Up/Ultra-Miniature
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

CXOLAT Datasheet(HTML) 2 Page - STATEK CORPORATION

  CXOLAT Datasheet HTML 1Page - STATEK CORPORATION CXOLAT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available (contact factory).
Supply Voltage
1.8 V to 3.3 V ±10%
Calibration Tolerance1
±25 ppm
Frequency Stability
±10 to ±50 ppm for Commercial
Over Temperature2
±20 to ±100 ppm for Industrial
±50 to ±100 ppm for Military
Output Load (CMOS)
15 pF
Aging, first year
5 ppm
Shock
5,000 g, 0.3 ms, ½ sine
Vibration3
20 g, 10-2,000 Hz swept sine
Operating Temp. Range -10OC to 70OC (Commercial)
-40OC to 85OC (Industrial)
-55OC to 125OC (Military)
1. Other tolerances available.
2. Does not include calibration tolerance. Other tolerances available.
3. Per MIL-STD-202G, Method 204D, Condition D. Random vibration testing also
available.
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10217 Rev A
HOW TO ORDER CXOLAT 32.768 kHz SURFACE MOUNT CRYSTAL OSCILLATORS
“S” if special or
custom design.
Blank if Std.
CXOLAT
4
S
N
SM3
,
32.768k / 50
/
50
/
/
I
Frequency
k = kHz
Enable/Disable
Option
E or N
Terminations
Blank = SM1
=Gold Plated
(Lead Free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
SM5 = Solder Dipped
(Lead Free)
Supply Voltage
1 = 1.8 V
2 = 2.5 V
3 = 3.0 V
4 = 3.3 V
//
50
/
I
Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
Total
Frequency
Tolerance
(in ppm)
Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
Frequency
Stability over
Temp. Range
(in ppm)
Calibration
Tolerance
@ 250C
(in ppm)
OR
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 5.0 V
Storage Temperature
-55OC to 125OC
Maximum Process Temperature 260OC for 20 seconds
PACKAGING OPTIONS
CXOLAT
- Tray Pack
- 12 mm tape, 7” or 13” reels
(Per EIA 481)
Enable (Pin 3 High*) Disable (Pin 3 Low)
Output
Frequency Output
High Z State
Oscillator
Oscillates
Stops
Current
15
µALess than 1µA at 25OC
ENABLE/DISABLE OPTIONS (E/N)
For the 32.768 kHz CXOLAT, Statek offers two
enable/disable options: E and N. The E-version has a Tri-
State output and stops oscillating internally when the
output is put into the high Z state. The N-version does not
have PIN 3 connected internally and so has no
enable/disable capability. The following table summarizes
the Enable/Disable option E.
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
ENABLE/DISABLE OPTION E
FUNCTION TABLE
SYMBOL PARAMETER
MIN
TYP
MAX
UNIT
VOH
Output Voltage High 0.9VDD
V
VOL
Output Voltage Low
0.1VDD V
tstartup
Start-up Time
15
ms
tr
Rise Time (10%-90%)
2.8
10
ns
tf
Fall Time (10%-90%)
2.4
10
ns
Duty Cycle
45
50
55
%
I
DD
Current Consumption
15
µA
ELECTRICAL CHARACTERISTICS
CXOLAT 32.768 kHz
All parameters are measured at 25ºC with a 10MΩ and
15pF load with VDD 3.3 V.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com