Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LHTAT Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # LHTAT
Description  HIGH TEMPERATURE OSCILLATOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LHTAT Datasheet(HTML) 1 Page - STATEK CORPORATION

  LHTAT Datasheet HTML 1Page - STATEK CORPORATION LHTAT Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DESCRIPTION
An increasing number of high temperature applications
require the use of leaded (through hole) ceramic packaged
oscillators. For these applications, Statek offers the LHTAT
5x7mm oscillator. These oscillators are designed to operate
at temperatures up to 200ºC with high shock survivability.
FEATURES
High temperature operation up to 200
OC
Excellent stability over temperature
High shock resistance
CMOS output
Optional output enable/disable
Hermetically sealed ceramic package - 5x7mm
Through-hole leaded package
Reduces mechanical and thermal mounting stresses
Robust lead attach-eutectic brazing process
Gold Plated Kovar Leads
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
APPLICATIONS
Industrial
Downhole instrumentation
Rotary shaft sensors
Underground boring tools
Avionics applications
PIN CONNECTIONS
1. Enable/Disable (E) or No Connection (N)
2. Ground
3. Output
4.
V
DD
PACKAGE DIMENSIONS LHTAT
LHTAT
DIMENSIONS
TYPICAL
MAX
DIM
inches
mm
inches
mm
A
0.276
7.00
.281
7.14
B
0.197
5.00
.202
5.13
C
0.065
1.65
.070
1.78
D
0.200
5.08
.205
5.20
E
0.195
4.90
.205
5.20
F
0.200
5.08
.205
5.20
G
0.040
1.02
H
0.160
4.06
I
0.028
0.71
J
0.018
0.46
0.021
0.53
HIGH TEMPERATURE OSCILLATOR
Leaded High Temperature/High Shock
LHTAT 10204 Rev B
320 kHz - 50 MHz
Lead Thickness: 0.008 ±0.001 (0.20mm ±0.03)
Lead Plating: Gold/Nickel over Kovar


Similar Part No. - LHTAT

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
LHTAT EUROQUARTZ-LHTAT Datasheet
108Kb / 1P
Leaded High Temperature/High Shock
logo
IQD Frequency Products ...
LHTAT-3.3V IQD-LHTAT-3.3V Datasheet
239Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - LHTAT

ManufacturerPart #DatasheetDescription
logo
Vectron International, ...
PX-420 VECTRON-PX-420 Datasheet
189Kb / 4P
High Temperature Crystal Oscillator
PX-570 VECTRON-PX-570 Datasheet
185Kb / 4P
High Temperature Crystal Oscillator
PX-702 VECTRON-PX-702 Datasheet
231Kb / 4P
High Temperature Crystal Oscillator
TX-402 VECTRON-TX-402 Datasheet
143Kb / 4P
Temperature Compensated Crystal Oscillator High Precision
VX-400 VECTRON-VX-400 Datasheet
194Kb / 4P
High Temperature Voltage Control Crystal Oscillator
logo
STATEK CORPORATION
HGXOHT STATEK-HGXOHT Datasheet
78Kb / 2P
High Shock, High Temperature Crystal Oscillator
HTXO STATEK-HTXO Datasheet
116Kb / 2P
High Temperature Crystal Oscillator
logo
SiTime Corp.
SIT8918B SITIME-SIT8918B Datasheet
674Kb / 18P
High Temperature Oscillator
SIT8919B SITIME-SIT8919B Datasheet
705Kb / 18P
High Frequency, High Temperature Oscillator
SIT1618B SITIME-SIT1618B Datasheet
688Kb / 18P
Standard Frequency, High Temperature Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com