Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # LSC
Description  Low Power Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LSC Datasheet(HTML) 2 Page - STATEK CORPORATION

  LSC_13 Datasheet HTML 1Page - STATEK CORPORATION LSC_13 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
LSC
3
S
T
SM3
32.768K
,
100
/
I
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
SPECIFICATIONS: LSC 30 kHz to 400 kHz
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice.
Supply Voltage1
5 V
10%
3.3 V
10%
Calibration Tolerance
10 ppm (0.001%)
25 ppm (0.0025%)
100 ppm (0.01%)
Frequency Stability Over Temperature2
0OC to +50OC25 ppm Typ.
(0.0025%)
40 ppm MAX. (0.004%)
-10OC to+70OC
70 ppm Typ.
(0.007%)
100 ppm MAX. (0.01%)
Voltage Coefficient
1 ppm/V
Aging, first year
2 ppm
Shock
5000 g, 0.3 ms,1/2 sine
Vibration
20 g RMS, 10 -2000 Hz
Operating Temp. Range
-10OC to +70OC (Commercial)
-40OC to +85OC (Industrial)
-55OC to +125OC (Military)
1. Contact the factory for lower voltage.
2. Does not include calibration tolerance. Positive variations small compared
to negative variations.
Current Consumption*
2.8 µA (32.768 kHz)
* VDD = 3.3 V and 10pF load.
8.0 µA (100.0 kHz)
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
+
_
10153 - Rev F
ABSOLUTE MAXIMUM RATINGS
Supply Voltage VDD
-0.5 V to 7 V
Storage Temperature
-55OC to +125OC
Process Temperature
260OC 20 sec.
ELECTRICAL CHARACTERISTICS
LSC 32.768 kHz
All parameters are measured at 25ºC with a 10MΩ and
10pF load with VDD 3.3 V.
SYMBOL PARAMETER
MIN.
TYP. MAX. UNIT
V
Output Voltage Hi VDD-0.4 VDD
V
VOutput Voltage Lo
0
0.4
V
SYM
Duty Cycle
45
50
55
%
tr
Rise Time (10%-90%)
50
nsec.
tf
Fall Time (10%-90%)
50
nsec.
PIN CONNECTIONS
Pin
Connection
1Output Enable or NC
2Ground
3Output
4VDD
PACKAGING OPTIONS
LSC
-Tray Pack
-16mm tape, 7” or 13” reels
(Reference tape and reel data sheet 10109)
OH
OL
HOW TO ORDER LSC SURFACE MOUNT CRYSTAL OSCILLATORS
Frequency
K = kHz
3 = 3.3 V
Blank = 5 V (Std.)
“S” if special
or custom
design.
Blank if Std.
Blank = SM1
=Gold Plated
(Lead Free)
SM3 = Solder Dipped
SM5 = Solder Dipped
(Lead Free)
Calibration
Tolerance
@ 25OC
(in ppm)
Temp. Range:
C=-10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
+
T = Tri-State
Blank = Pin 1
no connection
Tri-State (Pin 1 High*) Disable (Pin 1 Low)
Output
Frequency Output
High Z State
Internal Osc.
Oscillates
Oscillates
Current
Normal
Lower than Normal
TRISTATE/DISABLE OPTION T
FUNCTION TABLE
* When PIN 1 is allowed to float, it is held high by an internal pull-up resistor.
TRISTATE/DISABLE OPTIONS (T/N)
Statek offers two enable/disable options: T and N. The T-
version has a Tri-State output and continues oscillating
internally when the output is put into the high Z state. The
N-version does not have PIN 1 connected internally and so
has no Tri-State/Disable capability. The following table
describes the Tri-State/Disable option T.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com