Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSC Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # LSC
Description  Low Power Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LSC Datasheet(HTML) 1 Page - STATEK CORPORATION

  LSC Datasheet HTML 1Page - STATEK CORPORATION LSC Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10153 - Rev F
DESCRIPTION
The LSC oscillator is designed especially for
applications requiring low power consumption.
The
design consists of a Statek miniature Tuning Fork quartz
crystal and a CMOS compatible integrated circuit in a
ceramic package.
FEATURES
Ultra-low power consumption
Typical start-up time of 500ms
Low aging
CMOS compatible
Typical rise and fall times of 25ns
5 V operation standard
3.3 V operation also available
Optional Tri-State output
Low cost solution
Designed, manufactured, and tested in the USA
APPLICATIONS
Industrial, Computer & Communications
General purpose clock oscillator
Data logger
Remote sensor
Real time clock
Medical test and diagnostics
Portable field communication
LSC OSCILLATOR
30 kHZ to 400 kHz
Low Power Surface Mount Crystal Oscillator
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
Termination material is Au over Ni (SM1), solder dip
(SM3) also available.
*SM1 Termination; SM3 = 0.075 in. (1.91mm) Max.
SXXXX
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.400
10.16
0.405
10.29
B0.180
4.57
0.185
4.70
C*
0.065
1.65
0.070
1.77
D0.200
5.08
0.205
5.21
E0.080
2.03
0.085
2.16
F0.050
1.27
0.058
1.47
G0.055
1.40
0.063
1.60


Similar Part No. - LSC

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LSC STATEK-LSC Datasheet
51Kb / 2P
Low Power Surface Mount Crystal Oscillator
logo
RUBYCON CORPORATION
LSC RUBYCON-LSC Datasheet
202Kb / 2P
SCREW TERMINAL ALUMINUM ELECTROLYTIC CAPACITORS
logo
Lapp.
LSC LAPP-LSC Datasheet
668Kb / 3P
FLEXIMARK® Steel cable ties LS and LSC
05-12-2018
logo
IQD Frequency Products ...
LSC-3.3V IQD-LSC-3.3V Datasheet
165Kb / 2P
Crystal Clock Oscillator Specification
LSC-5.0V IQD-LSC-5.0V Datasheet
165Kb / 2P
Crystal Clock Oscillator Specification
More results

Similar Description - LSC

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO41805-98.304-T-TR RALTRON-CO41805-98.304-T-TR Datasheet
162Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATOR
logo
ECM Electronics Limited...
VF315 ECM-VF315 Datasheet
104Kb / 1P
Surface Mount Crystal Oscillator
logo
STATEK CORPORATION
LSM STATEK-LSM Datasheet
39Kb / 2P
Low Power Surface Mount Crystal Oscillator
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
DQXO3SM STATEK-DQXO3SM Datasheet
140Kb / 2P
Surface Mount Low Frequency Crystal Oscillator
LSC STATEK-LSC Datasheet
51Kb / 2P
Low Power Surface Mount Crystal Oscillator
SQXO2ATSM STATEK-SQXO2ATSM Datasheet
138Kb / 2P
Surface Mount Crystal Oscillator
SQXO2SM STATEK-SQXO2SM Datasheet
142Kb / 2P
Surface Mount Low Power Crystal Oscillator
LSM STATEK-LSM_13 Datasheet
80Kb / 2P
Low Power Surface Mount Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com