Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LSM Datasheet(PDF) 1 Page - STATEK CORPORATION

Part # LSM
Description  Low Power Surface Mount Crystal Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

LSM Datasheet(HTML) 1 Page - STATEK CORPORATION

  LSM Datasheet HTML 1Page - STATEK CORPORATION LSM Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
10151 - Rev D
DESCRIPTION
The LSM oscillator is an ultra-low current quartz crystal
oscillator with a typical start-up time of 500ms. The
design consists of a STATEK crystal, and a CMOS-
compatible integrated circuit. The hybrid design is
hermetically-sealed with a kovar lid in a surface mount
ceramic package. Permanent precision tuning of the
oscillator is accomplished by laser trimming the crystal.
FEATURES
Ultra-low power consumption
Typical start-up time of 500ms
Typical rise and fall times of 25ns
Hermetically sealed ceramic package
Optional output enable/disable with Tri-State
Full military testing per MIL-PRF-55310 available
Designed, manufactured, and tested in the USA
3.3 volt operation available
APPLICATIONS
Industrial, Computer & Communications
General purpose clock oscillator
Data logger
Remote sensor
Real time clock
Medical test and diagnostics
Military
Portable field communication
Military high speed modem
Flight recorder
LSM OSCILLATOR
30 kHz to 400 kHz
Low Power Surface Mount Crystal Oscillator
TYPICAL
MAXIMUM
DIM
inches
mm
inches
mm
A0.400
10.16
0.405
10.29
B0.180
4.57
0.185
4.70
C*
0.071
1.80
0.079
2.00
D0.200
5.08
0.205
5.21
E0.080
2.03
0.085
2.16
F0.050
1.27
0.058
1.47
G0.055
1.40
0.063
1.60
PACKAGE DIMENSIONS
SUGGESTED LAND PATTERN
0.075 (1.91)
0.068 (1.73)
0.064 (1.63)
GRID
PLACEMENT
COURTYARD
0.200 (5.08)
0.132 (3.35)
inches (mm)
Termination material is Au over Ni (SM1), solder dip
(SM3) also available.
*SM1 Termination; SM3 = 0.084 in. (2.13mm) Max.
3
4
2
1
F


Similar Part No. - LSM

ManufacturerPart #DatasheetDescription
logo
STATEK CORPORATION
LSM STATEK-LSM Datasheet
39Kb / 2P
Low Power Surface Mount Crystal Oscillator
logo
EUROQUARTZ limited
LSM EUROQUARTZ-LSM Datasheet
133Kb / 1P
Low Frequency - Low power SMD Oscillator
logo
Surge Components
LSM SURGE-LSM Datasheet
6Mb / 8P
snap-in terminal type
logo
RFE international
LSM RFE-LSM Datasheet
830Kb / 7P
Aluminum Electrolytic Capacitors LSM Series: Snap In, 105 C
AUG-30-2023
logo
Murata Manufacturing Co...
LSM-0.75/16-D12 MURATA-LSM-0.75/16-D12 Datasheet
372Kb / 12P
Non-Isolated, 13-80W SMT DC/DC Converters
More results

Similar Description - LSM

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
CO41805-98.304-T-TR RALTRON-CO41805-98.304-T-TR Datasheet
162Kb / 1P
SURFACE MOUNT CRYSTAL OSCILLATOR
logo
ECM Electronics Limited...
VF315 ECM-VF315 Datasheet
104Kb / 1P
Surface Mount Crystal Oscillator
logo
STATEK CORPORATION
LSM STATEK-LSM Datasheet
39Kb / 2P
Low Power Surface Mount Crystal Oscillator
CXOM STATEK-CXOM Datasheet
230Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
CXO STATEK-CXO Datasheet
89Kb / 2P
Low Profile Miniature Surface Mount Crystal Oscillator
DQXO3SM STATEK-DQXO3SM Datasheet
140Kb / 2P
Surface Mount Low Frequency Crystal Oscillator
LSC STATEK-LSC Datasheet
51Kb / 2P
Low Power Surface Mount Crystal Oscillator
SQXO2ATSM STATEK-SQXO2ATSM Datasheet
138Kb / 2P
Surface Mount Crystal Oscillator
SQXO2SM STATEK-SQXO2SM Datasheet
142Kb / 2P
Surface Mount Low Power Crystal Oscillator
LSC STATEK-LSC_13 Datasheet
85Kb / 2P
Low Power Surface Mount Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com