Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2 Datasheet(PDF) 2 Page - STATEK CORPORATION

Part # TS2
Description  Miniature Quartz Temperature Sensor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STATEK [STATEK CORPORATION]
Direct Link  http://www.statek.com
Logo STATEK - STATEK CORPORATION

TS2 Datasheet(HTML) 2 Page - STATEK CORPORATION

  TS2 Datasheet HTML 1Page - STATEK CORPORATION TS2 Datasheet HTML 2Page - STATEK CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
STATEK CORPORATION 512 N. MAIN ST., ORANGE, CA 92868 714-639-7810 FAX: 714-997-1256 www.statek.com
HOW TO ORDER TS TEMPERATURE SENSORS
TS2
S
C
SM1
262.144K
200
/
I
Blank = Glass Lid
C = Ceramic Lid
“S” if special or
custom design.
Blank if Std.
TS1 = CX1 Leaded & SMD
TS2 = CX2 Leaded & SMD
TS3 = CX3 SMD only
TS6 = CX6 SMD only
Operating Temp. Range:
C= -10OC to +70OC
I =-40OCto+85OC
M= -55OC to +125OC
S= Customer Specified
02
= End Lead
03
= Side Lead
04
= Half-Side Lead
06
= Side Lead (HT)
07
= Half Side Lead (HT)
SM1 = Gold Plated (Lead-free)
SM2 = Solder Plated
SM3 = Solder Dipped
SM4 = Solder Plated
(Lead-free)
SM5 = Solder Dipped
(Lead-free)
Frequency
K = kHz
SPECIFICATIONS
Specifications are typical at 25OC unless otherwise noted.
Specifications are subject to change without notice. Tighter
specifications available. Please contact factory.
TYPICAL PARAMETERS
Parameters will vary according to frequency.
Standard Frequencies1
172.0 kHz
262.144 kHz
Standard Calibration
200 ppm (0.02%) 200 ppm (0.02%)
Tolerances2
500 ppm (0.05%) 500 ppm (0.05%)
10000 ppm (1.0%) 10000 ppm (1.0%)
Load Capacitance
5 pF
4 pF
Quality Factor Q
170,000
130,000
Motional Capacitance C1
0.3 fF
0.3 fF
Motional Resistance R13
22 kΩ
5 kΩ
Shunt Capacitance C0
1.4 pF
1.0 pF
Drive Level
0.5 µW
0.5 µW
Aging, first year4
3 ppm MAX.3 ppm MAX.
Shock, Survival
5,000 g
5,000 g
Vibration, Survival
20 g, 10-2,000 Hz swept sine
Max Process Temperature5
Surface Mount:
260OC for 20 sec.
Thru-hole: 1) 175OC for 10 sec.
2) 200OC for 10 sec. (06HT & 07HT only)
1. Other frequencies available. Please contact factory.
2. Other calibration tolerances available. Please contact factory.
3. Motional resistance varies with temperature.
4. Aging data from similar quartz oscillator crystal.
5. For detailed information refer to Tech Note 27. HT (High Temp. Lead-Package Attach Solder)
FREQUENCY VS. TEMPERATURE
262.144 kHz Frequency vs. Temperature Curve
-2500
-2000
-1500
-1000
-500
0
500
1000
1500
2000
2500
-35
-15
5
25
45
65
85
Temperature [°C]
10162 - Rev B
FREQUENCY-TEMPERATURE MODEL
Although the frequency-temperature characteristic of the TS sensor is nearly linear, it is not exactly so. A better model is a
second-order polynomial in temperature:
F(T) = F (T0)[1+ α(T-T0)+ β(T-T0)2]
While higher-order polynomial models are possible, a second-order model is usually sufficient. Taking
T0= 25OC, typical values
for α and β are as follows:
Frequency
αβ
kHz
ppm/OCppm/OC2
172.000
46.4
0.036
262.144
34.5
0.018
Calibration
Tolerance
@ 25OC
(in ppm)
STANDARD FREQUENCIES
172.0 kHz, 190.5 kHz, 262.144 kHz, 300.0 kHz,
325.0 kHz, and 350.0 kHz.
PACKAGE HANDLING THRU-HOLE
1) Lead to package solder interface temperature should
not exceed 175OC. (02, 03 & 04)
2) Take proper soldering consideration as the melting
temperature of the lead-attach solder is 217OC. (06 &
07 only)



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com