Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ECWFD2W474 Datasheet(PDF) 2 Page - Panasonic Semiconductor

Part # ECWFD2W474
Description  Metallized Polypropylene Film Capacitor
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECWFD2W474 Datasheet(HTML) 2 Page - Panasonic Semiconductor

  ECWFD2W474 Datasheet HTML 1Page - Panasonic Semiconductor ECWFD2W474 Datasheet HTML 2Page - Panasonic Semiconductor ECWFD2W474 Datasheet HTML 3Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Design, Specifications are subject to change without notice.
Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please inform us immediately for technical consultation without fail.
−FC59−
■Dimensions in mm (not to scale)
(Dimensions : mm)
Cut lead
C
■Packaging Specification for Bulk Package
Packing quantity: 100 pcs./bag
Plastic Film Capacitors
●Packaging Specifications
Style
E
Lead Spacing
7.5 mm
●Lead Spacing
Type
Rated
voltage.
Cap. range
(µF)
Taping style
AD AS
B
C
D
E
○
Packing
suffix
ECWFD
450 VDC
0.47 to 2.2
Ammo
4
■Taping Specifications for Automatic Insertion
●Taping style
❈Refer to the page of taping specifications.
p Œ ¯ ¶
‚ /P53-76
12.11.14 20:52
y [ W
59



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com