Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ABA3100S3 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ABA3100S3
Description  Balanced Linear Amplifier MMIC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ABA3100S3 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ABA3100S3 Datasheet HTML 1Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 2Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 3Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 4Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 5Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 6Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 7Page - ANADIGICS, Inc ABA3100S3 Datasheet HTML 8Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
1. 132 channels, + 25 dBmV per channel, (measured at the output) 6 MHz channel spacing.
2. Two tones, @ 397 MHz and 403 MHz, +4dBm per tone.
Electrical Specifications
(TA = +25 °C, RF = 50 to 1000 MHz, Test System = 75
Ω, VDD = + 5V @ 150 mA Typ )
Operating Ranges
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
V
D
D
5
.
45
9
s
tl
o
V
e
r
u
t
a
r
e
p
m
e
T
e
s
a
C0
4
--
5
8C
°
R
E
T
E
M
A
R
A
P
N
I
M
P
Y
T
X
A
M
S
T
I
N
U
n
i
a
G1
12
14
1B
d
z
H
M
0
5
3
-
z
H
M
0
5
e
r
u
g
i
F
e
s
i
o
N
z
H
M
0
5
5
-
z
H
M
0
5
3
z
H
M
0
6
8
-
z
H
M
0
5
5
5
.
2
7
.
2
2
.
3
0
.
3
5
.
3
0
.
4
B
d
B
d
B
d
s
s
o
L
n
r
u
t
e
R
t
u
p
t
u
O
/
t
u
p
n
I0
18
1
O
S
C
1
2
7
-0
7
-c
B
d
B
T
C
1
5
7
-3
7
-c
B
d
t
n
i
o
P
t
p
e
c
r
e
t
n
I
t
u
p
t
u
O
r
e
d
r
O
d
n
2
)
2
P
I
O
(
2
0
6m
B
d
t
n
i
o
P
t
p
e
c
r
e
t
n
I
t
u
p
t
u
O
r
e
d
r
O
d
r
3
)
3
P
I
O
(
2
5
3m
B
d
I D
D
V
(
D
D
)
V
0
.
5
=0
2
10
5
10
7
1A
m
ABA3100S3
Absolute Maximum Ratings
R
E
T
E
M
A
R
A
P
N
I
M
X
A
M
S
T
I
N
U
V
/
D
D
V
T
U
O
F
R
02
1V
C
D
V
N
I
F
R
0V
C
D
F
R
N
I
0
1
+m
B
d
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S5
6
-0
5
1
+C
°
e
r
u
t
a
r
e
p
m
e
T
g
n
i
r
e
d
l
o
S
0
6
2C
°
e
m
i
T
g
n
i
r
e
d
l
o
S
0
.
5.
c
e
S
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
0
1W
/
C
°



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com