Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M3SPD Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # M3SPD
Description  CONNECTION DIAGRAM DIAGRAMME DE CONNECTION SCHALTBILDANSCHLUSS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

M3SPD Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  M3SPD Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Broyce Control Ltd., Pool Street, Wolverhampton, West Midlands WV2 4HN. England
H
+44 (0) 1902 773746 G+44 (0) 1902 420639 Email: sales@broycecontrol.com Web: http://www.broycecontrol.com
M3SPD-1-B
CONNECTION DIAGRAM
DIAGRAMME DE CONNECTION
SCHALTBILDANSCHLUSS
M3SPD
INSTALLATION
INSTALLATION
INSTALLATION
FUSE
FUSIBLE
SICHERUNG
L
N
MOUNTING DETAILS
INSTRUCTIONS DE MONTAGE
MONTAGEAUFÜHRUNGEN
45
Insert screwdriver
to release clips
89 (excl. clips)
49
59
Withdraw clips
fully when
surface mounting
93 (+/- 1mm)
q
PROTECTS AGAINST OVER VOLTAGE
TRANSIENTS
q
INCORPORATES METAL OXIDE VARISTORS
AND GAS DISCHARGE TUBE
q
LONG WORKING LIFE
q
FAST RESPONSE TIME
q
DIN RAIL HOUSING (35mm)
q
PROTÉGE CONTRE LES SURTENSIONS
TRANSITOIRES
q
INCORPORE DES VARIATEURS À OXYDE
MÉTALLIQUE OU DES TUBES À DÉCHARGE
q
LONGUE DURÉE DE VIE DE FONCTIONNEMENT
q
TEMPS DE RÉPONSE RAPIDE
q
LOGEMENT DU RAIL DIN (35mm)
q
SCHUTZ GEGEN VORÜBERGEHENDE
ÜBERSPANNUNG
q
EINGEBAUT SIND METALLOXID VARISTORE
UND GASENTLADUNGSRÖHRE
q
LANGE GEBRAUCHSDAUER
q
SCHNELLE ANSPRECHZEIT
q
DIN SCHIENENGEHÄUSE (35mm)
•
INSTALLATION AND SETTING
Installation work must be carried
out by qualified personnel.
•
BEFORE INSTALLATION, ISOLATE THE SUPPLY
•
Connect the unit as shown in the diagram above.
•
TECHNICAL SPECIFICATION
Supply/monitoring
220 / 240V AC/DC
voltage Un:
(AC: 50 - 60Hz)
Supply variation:
0.90 - 1.10 x Un
Current rating:
16A (when used with suitable
Miniature Circuit Breaker)
Leakage current:
100
µA @ 250V AC
Response time:
≤ 25nS
Capacitance:
< 5nF @ 1kHz
Insulation resistance:
> 1000 M
Ω (applicable to metal
oxide varistors only)
Voltage temperature
co-efficient:
- 0.05% /
°C (applicable to metal
oxide varistors only)
Max. clamping voltage:
≤ 900V (Phase / neutral)
(with current waveform
≤ 1300V (Phase / earth)
1.2 / 50
µS - Short circuit
current 100A
± 10A)
Transient withstand
capacity:
x 5 @ 5kA (Phase / neutral)
x 3 @ 5kA (Phase / earth)
(8 / 20
µS waveform)
Ambient temperature:
-20 to +60
°C
Relative humidity:
+95%
Housing:
to UL94 VO
Weight:
≈ 100g
Mounting option:
to BS5584:1978
(EN50 002, DIN 46277-3)
Terminal conductor
size:
≤ 2 x 2.5mm2 solid /stranded
The information provided in this literature is believed to be
accurate (subject to change without prior notice); however,
use of such information shall be entirely at the user's own risk
•
MONTAGE ET MISE AU POINT
Des travaux d'installation doivent être
menés à bien par le personnel qualifié.
•
AVANT MONTAGE, ISOLER L ' ALIMENTATION
•
Branchement comme indiqué dans le diagramme ci-
dessus.
•
EINBAU UND EINSTELLUNG
Installation Arbeit muß von qualifiziertem
Personal durchgeführt werden.
•
VOR EINBAU DIE STROMVERSORGUNG
ISOLIEREN
•
Stromversorgung anschliessen wie im Schaltbild unten
angezeigt.
•
FICHES TECHNIQUES
Voltage d ' alimentation
220 / 240V AC/DC
contrôlée Un:
(AC: 50 - 60Hz)
Variation d ' alimentation:
0.90 - 1.10 x Un
Mesure des courants:
16A (Quand utilisé avec les coupeurs
de circuits miniatures adaptés)
Courant de fuite:
100
µA @ 250V AC
Temps de résponse:
≤ 25nS
Capacitance:
< 5nF @ 1kHz
Résistance d’isolation:
> 1000 M
Ω (applicable seulement
aux variateurs à oxyde métallique)
Coefficient voltage
température:
- 0.05% /
°C (applicable seulement
aux variateurs à oxyde métallique)
Voltage maximum
d’accrochage:
≤ 900V (Phase / neutre)
(avec la forme d’onde
≤ 1300V (Phase / de terre)
courante 1.2 / 50
µS - courant
de court-circuit 100A
± 10A)
Capacité de résistance
transitoire:
x 5 @ 5kA (Phase / neutre)
x 3 @ 5kA (Phase / de terre)
(Forme d’onde de 8 / 20
µS)
Température ambiante:
-20 à +60
°C
Humidité relative:
+95%
Boitier:
à UL94 VO
Poids:
≈ 100g
Option de montage:
à BS5584:1978
(EN50 002, DIN 46277-3)
Taille du conducteur
terminal:
≤ 2 x 2.5mm2 toron / multi-filaire
•
TECHNISCHE DATEN
Stromversorgung /
220 / 240V AC/DC
Spannungskontrolle Un:
(AC: 50 - 60Hz)
Wechselversorgung:
0.90 - 1.10 x Un
Nennstrom:
16A (wenn mit geeigneten Miniatur
Stromunterbrecher benutzt)
Kriechstrom:
100
µA @ 250V AC
Ansprechzeit:
≤ 25nS
Kapazitanz:
< 5nF @ 1kHz
Isolationswiderstand:
> 1000 M
Ω (Nur für Metalloxid
Varistore geeignet)
Spannungstemperatur
Koeffizient:
- 0.05% /
°C (Nur für Metalloxid
Varistore geeignet)
Maximale Klemmspannung:
≤ 900V (Phase / neutral)
(mit Stromwellenform von
≤ 1300V (Phase / Erde)
1.2 / 50
µS - Kurzschluss Strom
100A
± 10A)
Vorübergehende
Widerstands Kapazität:
x 5 @ 5kA (Phase / neutral)
x 3 @ 5kA (Phase / Erde)
(Wellenform von 8 / 20
µS)
Umgebungstemperatur:
-20 bis +60
°C
Allgemeiner
Feuchtigkeitsgehalt:
+95%
Gehäuse:
bis UL94 VO
Gewicht:
≈ 100g
Befestigungswahl:
bis BS5584:1978
(EN50 002, DIN 46277-3)
Anschlussklemme
/ Kabelgrösse:
≤ 2 x 2.5mm2 Festdraht / Litze
M3SPD
Les indications contenues dans ce document sont exactes (sous
réserve de changement sans avis préalable) toutefois aux risques et
périls de l ' utilisateur
Es handelt sich in diesen Unterlagen um uns genau bekannte
Angaben, (Änderungen vorbehalten) jedoch diese Änderungen
laufen auf eigene Gefahr des Benutzers.
Width / largeur / Breite. 35 mm (DIN 43880)
N
L


Similar Part No. - M3SPD

ManufacturerPart #DatasheetDescription
logo
XP Power Limited
M3S4ME3 XPPOWER-M3S4ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
M3S6ME3 XPPOWER-M3S6ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
logo
Texas Instruments
M3S9B92-EBZ20T TI-M3S9B92-EBZ20T Datasheet
7Mb / 1386P
Stellaris LM3S9B92 Microcontroller
logo
XP Power Limited
M3S9ME3 XPPOWER-M3S9ME3 Datasheet
437Kb / 10P
AC-DC Power Supplies
logo
M-System Co.,Ltd.
M3SDY MSYSTEM-M3SDY Datasheet
103Kb / 3P
Super-space-saving Signal Conditioners M3S-UNIT Series
More results

Similar Description - M3SPD

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
FX2M6A-60P-1.27DSAL HIROSE-FX2M6A-60P-1.27DSAL Datasheet
195Kb / 6P
Connection Circuit Diagram
logo
Sanken electric
SLA7611M SANKEN-SLA7611M Datasheet
430Kb / 2P
Star Connection/Delta Connection
logo
PowerVolt Inc.
CT0025-A00 POWERVOLT-CT0025-A00 Datasheet
151Kb / 1P
Connection Diagram , Schematic
CT0025-J00 POWERVOLT-CT0025-J00 Datasheet
119Kb / 1P
Connection Diagram , Schematic
CT0025-G00 POWERVOLT-CT0025-G00 Datasheet
166Kb / 1P
Connection Diagram , Schematic
logo
PHOENIX CONTACT
3045855 PHOENIX-3045855 Datasheet
111Kb / 5P
Connectors, Type of connection: Screw connection
logo
KODENSHI_AUK CORP.
LG2A09NL KODENSHI-LG2A09NL Datasheet
159Kb / 2P
Connector connection
SG2A194 KODENSHI-SG2A194 Datasheet
157Kb / 3P
Connector connection
logo
Diodes Incorporated
AL9910EV4 DIODES-AL9910EV4 Datasheet
227Kb / 8P
AL9910EV4 Evaluation board connection diagram
JUNE 2011
logo
SICK AG
DSL-8204-G10M SICK-DSL-8204-G10M Datasheet
239Kb / 4P
Connection cables
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com