Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SH3-CS Datasheet(PDF) 2 Page - Omron Electronics LLC

Part # EE-SH3-CS
Description  Photomicrosensor (Transmissive) EE-SH3 Series
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SH3-CS Datasheet(HTML) 2 Page - Omron Electronics LLC

  EE-SH3-CS Datasheet HTML 1Page - Omron Electronics LLC EE-SH3-CS Datasheet HTML 2Page - Omron Electronics LLC EE-SH3-CS Datasheet HTML 3Page - Omron Electronics LLC EE-SH3-CS Datasheet HTML 4Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
170
Photomicrosensor (Transmissive)
EE-SH3 Series
■ Engineering Data
Forward Current vs. Collector
Dissipation Temperature Rating
Forward Current vs. Forward
Voltage Characteristics (Typical)
Light Current vs. Forward Current
Characteristics (Typical)
Light Current vs. Collector
−Emitter
Voltage Characteristics (EE-SH3(-B))
Dark Current vs. Ambient
Temperature Characteristics
(Typical)
Sensing Position Characteristics
(EE-SH3-D(S))
Distance d (mm)
Sensing Position Characteristics
(EE-SH3(-B))
Distance d (mm)
Sensing Position Characteristics
(EE-SH3-G(S))
Distance d (mm)
Sensing Position Characteristics
(EE-SH3-C(S))
Distance d (mm)
Input
Output
Input
Output
90 %
10 %
Center of optical axis
Center of optical axis
Center of optical axis
Center of optical axis
d
0
−
+
Response Time Measurement
Circuit
Ambient temperature Ta (
°C)
Forward voltage VF (V)
Forward current IF (mA)
Collector
−Emitter voltage VCE (V)
Ambient temperature Ta (
°C)
Load resistance RL (k
Ω)
Ta =
−30°C
Ta = 25
°C
Ta = 70
°C
Ta = 25
°C
VCE = 10 V
IF = 40 mA
IF = 30 mA
IF = 20 mA
IF = 10 mA
Ta = 25
°C
VCE = 10 V
0
lx
IF = 20 mA
VCE = 5 V
IF = 20 mA
VCE = 10 V
Ta = 25
°C
VCC = 5 V
Ta = 25
°C
IF = 50 mA
Ambient temperature Ta (
°C)
IF
PC
IF = 20 mA
VCE = 10 V
Ta = 25
°C
IF = 20 mA
VCE = 10 V
Ta = 25
°C
IF = 20 mA
VCE = 10 V
Ta = 25
°C
Relative Light Current vs. Ambi-
ent Temperature Characteristics
(Typical)
Response Time vs. Load Resist-
ance Characteristics (Typical)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com