Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACA2401S7 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACA2401S7
Description  750/870 MHz Power Dobler CATV LINE AMPLIFIER MMIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACA2401S7 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACA2401S7 Datasheet HTML 1Page - ANADIGICS, Inc ACA2401S7 Datasheet HTML 2Page - ANADIGICS, Inc ACA2401S7 Datasheet HTML 3Page - ANADIGICS, Inc ACA2401S7 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
ACA2401S7
R
E
T
E
M
A
R
A
P
1
0
4
2
A
C
A
N
I
MP
Y
TX
A
M
h
t
d
i
w
d
n
a
B
1
0
4-
0
7
8
z
H
M
0
7
8
@
n
i
a
G
1
-5
.
1
2-
e
p
o
l
S
t
n
e
l
a
v
i
u
q
E
e
l
b
a
C
1
-5
.
0-
s
s
e
n
t
a
l
F
n
i
a
G
1
-2
.
0
±-
e
r
u
g
i
F
e
s
i
o
N
1
-5
.
4-
B
T
C
2
,
1
s
l
e
n
n
a
h
C
7
7
s
l
e
n
n
a
h
C
0
1
1
s
l
e
n
n
a
h
C
8
2
1
-
2
7
-
0
7
-
8
6
-
-
O
S
C
2
,
1
s
l
e
n
n
a
h
C
7
7
s
l
e
n
n
a
h
C
0
1
1
s
l
e
n
n
a
h
C
8
2
1
-
2
7
-
2
7
-
0
7
-
-
D
O
M
X
2
,
1
s
l
e
n
n
a
h
C
7
7
s
l
e
n
n
a
h
C
0
1
1
s
l
e
n
n
a
h
C
8
2
1
-
1
7
-
8
6
-
6
6
-
-
t
n
e
rr
u
C
y
l
p
p
u
S-
0
9
3-
)t
u
p
t
u
O
/t
u
p
n
I(
s
s
o
L
n
r
u
t
e
R
2
8
12
2-
The ACA2401 is designed as an output stage and is specifited at +44 dBmV flat ouput.
Electrical Specifications (TA=+25°C, VDD=24V, test circuit shown in fig.1)
Notes:
1.
Measured with a balun on input and output of the device. See Figure 1 for test setup.
2.
Parts measured with 110 channel flat output @ +44 dBmV/channel.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com