Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX910P-R Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # EE-SX910P-R
Description  Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX910P-R Datasheet(HTML) 7 Page - Omron Electronics LLC

  EE-SX910P-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX910P-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
EE-SX91
7
● Other Precautions
• Do not disconnect wire the cables from the Sensor when power is
supplied to the Sensor, or Sensor damage could result.
• Do not install the Sensor in the following places to prevent
malfunction or trouble:
1. Places exposed to dust or oil mist
2. Places exposed to corrosive gas
3. Places directly or indirectly exposed to water, oil, or chemicals
4. Outdoor or places exposed to intensive light, such as direct
sunlight
• Be sure to use the Sensor under the rated ambient temperature.
• The Sensor may be dissolved by exposure to organic solvents,
acids, alkali, or aromatic hydrocarbons, aliphatic chloride
hydrocarbons causing deterioration in characteristics. Do not
expose the Sensor to such chemicals.
• Make sure the total length of the power cable connected to the
product is less than 10 m.
• Only output 2 (OUT2) on NPN models is provided with overcurrent
protection.
If an overcurrent occurs, heat generated by the output transistor will
activate the thermal shutdown circuit and OUT2 will turn OFF.
Check the wiring and load current and cycle the power supply. If
there is no overcurrent, normal operation will be resumed. (The
thermal shutdown circuit will be activated again if there is an
overcurrent.)
This function does not provide protection against load short circuits.
If the electric power of the output transistor increases due to a load
short-circuit or near load short-circuit, the Sensor may be damaged.
• An output pulse may occur when the power supply is turned ON
depending on the power supply and other conditions. The operation
of the Sensor will be stable 100 ms after turning ON the power
supply.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com