Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX911P-R Datasheet(PDF) 1 Page - Omron Electronics LLC

Part # EE-SX911P-R
Description  Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX911P-R Datasheet(HTML) 1 Page - Omron Electronics LLC

  EE-SX911P-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX911P-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
1
CSM_EE-SX91_DS_E_
7_1
Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
EE-SX91
Meeting Customer Needs with Compact
Sensors that Mount with M3 Screws
• Both light-ON and dark-ON outputs provided.
• A compact size and choice of five models for a wide
range of applications.
• Compact NPN and PNP output models.
• Safer operation with built-in power supply reverse polarity protection.
• Output overcurrent protection with a thermal shutdown circuit (patent
pending). *
• Mount using M3 or M2 screws.
• Indicator is visible in many directions for installation
in any location.
• Flexible robot cables are standard on all models.
* Output overcurrent protection is provided only on output 2 (OUT2) on NPN models.
Be sure to read Safety Precautions on
page 6.
Features
A Compact Size and Choice of Five Models
for a Wide Range of Applications
Select any of five models to minimize the space required.
Compact NPN and PNP Output Models
Both NPN and PNP output models are available for use according to
system requirements.
Safer Operation with Built-in Power Supply
Reverse Polarity Protection
The built-in power supply reverse polarity protection protects against
reverse connection of the power supply or outputs for safer operation
at the assembly site.
Flexible Robot Cables: Standard on All Models
Robot Cables are effective for moving parts, and are provided as
standard equipment with all models.
Both Light-ON and Dark-ON Outputs
Both light-ON and dark-ON outputs are provided on all models,
allowing outputs to be switched by simply changing the wiring
according to the application.
Indicator Visible from Many Directions for
Installation in Any Location
The light indicator can be checked from up to four directions.
Mount Using M3 or M2 Screws
The EE-SX91 can be mounted using M3 or M2 screws, so it can
easily replace an existing compact sensor mounted with M2 screws.
Reverse polarity protection
NPN
GND (0 V)
OUT2
OUT1
(Control
output)
(Control output)
Vcc
Load 1
5 to
24 VDC
Load 2
Main
circuit
Light indicator
(orange)


Similar Part No. - EE-SX911P-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
EE-SX911P-R OMRON-EE-SX911P-R Datasheet
756Kb / 9P
Meeting Customer Needs with Compact Sensors that Mount with M3 Screws
More results

Similar Description - EE-SX911P-R

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3Z-D81 OMRON-E3Z-D81 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
E3Z-R61 OMRON-E3Z-R61 Datasheet
2Mb / 19P
Compact Photoelectric Sensor with Built-in Amplifier
EE-SX675 OMRON-EE-SX675 Datasheet
470Kb / 9P
Slot-type Photomicrosensor (Non-modulated)
EE-SX772 OMRON-EE-SX772 Datasheet
424Kb / 6P
Photomicrosensor with Slim Cable (Non-modulated)
EE-SPW421-A OMRON-EE-SPW421-A Datasheet
206Kb / 4P
Compact, Thin-profile Photomicrosensor with special amplifier
EE-SX95 OMRON-EE-SX95 Datasheet
1Mb / 8P
Ultra-compact Pre-wired Photomicrosensor (Non-modulated)
2013-2015
logo
Pepperl+Fuchs Inc.
V7-W PF-V7-W Datasheet
120Kb / 1P
Non pre-wired cable socket
2009-06-08
V16-W PF-V16-W Datasheet
77Kb / 1P
Non pre-wired cable socket
2008-11-06
V16S-G PF-V16S-G Datasheet
67Kb / 1P
Non pre-wired cable connector
2007-06-14
V31S-GM PF-V31S-GM Datasheet
71Kb / 1P
Non pre-wired cable connector
2009-07-02
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com