Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EE-SX914P-R Datasheet(PDF) 4 Page - Omron Electronics LLC

Part # EE-SX914P-R
Description  Compact Pre-wired Photomicrosensor with Built-in Amplifier (Non-modulated)
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

EE-SX914P-R Datasheet(HTML) 4 Page - Omron Electronics LLC

  EE-SX914P-R Datasheet HTML 1Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 2Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 3Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 4Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 5Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 6Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 7Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 8Page - Omron Electronics LLC EE-SX914P-R Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
EE-SX91
4
Engineering Data (Typical)
Sensing Position Characteristics
EE-SX910
EE-SX910
EE-SX911
Repeated Sensing Position Characteristics
EE-SX910
012
3
4
5
6
Dark-ON
Light-ON
Distance d (mm)
Insertion
direction
d
012
3
4
5
6
d
Dark-ON
Light-ON
Insertion direction
Distance d (mm)
012
3
4
5
6
Dark-ON
Light-ON
Insertion
direction
Distance d (mm)
d
3.14
3.16
3.18
3.2
d
Dark-ON
Light-ON
Vcc = 24 V, No. of repetitions: 20, Ta = 25
°C
(Differential distance = 0.025 mm max.)
Distance d (mm)
d=
±0.002
Note: The data applies to dark status. Operation may be affected by external light
interference or light coming through the sensing object.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com