Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EETUQ1C393D Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # EETUQ1C393D
Description  Large Can Aluminum Electrolytic Capacitors
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

EETUQ1C393D Datasheet(HTML) 3 Page - Panasonic Semiconductor

  EETUQ1C393D Datasheet HTML 1Page - Panasonic Semiconductor EETUQ1C393D Datasheet HTML 2Page - Panasonic Semiconductor EETUQ1C393D Datasheet HTML 3Page - Panasonic Semiconductor EETUQ1C393D Datasheet HTML 4Page - Panasonic Semiconductor EETUQ1C393D Datasheet HTML 5Page - Panasonic Semiconductor EETUQ1C393D Datasheet HTML 6Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
TS-UQ Standard Ratings (continued)
Cap.
(µF)
120Hz
10kHz~
120Hz
20kHz
15000
30 x 40
6.44
7.41
0.033
0.025
A
(No suffix)
J
35 x 35
6.44
7.41
0.033
0.025
A
(No suffix)
J
18000
30 x 45
6.94
7.98
0.028
0.021
A
(No suffix)
J
35 x 40
6.94
7.98
0.028
0.021
A
(No suffix)
J
22000
35 x 45
7.57
8.71
0.023
0.018
A
(No suffix)
J
27000
35 x 50
8.96
10.30
0.018
0.015
A
(No suffix)
J
2200
22 x 25
2.52
2.90
0.188
0.141
A
(No suffix)
J
3300
22 x 30
4.10
4.72
0.126
0.094
A
(No suffix)
J
25 x 25
4.10
4.72
0.126
0.094
A
(No suffix)
J
3900
22 x 35
4.44
5.11
0.106
0.080
A
(No suffix)
J
25 x 30
4.44
5.11
0.106
0.080
A
(No suffix)
J
4700
22 x 40
4.86
5.59
0.088
0.066
A
(No suffix)
J
25 x 35
4.86
5.59
0.088
0.066
A
(No suffix)
J
30 x 25
4.86
5.59
0.088
0.066
A
(No suffix)
J
5600
22 x 45
5.36
6.16
0.074
0.056
A
(No suffix)
J
25 x 40
5.36
6.16
0.074
0.056
A
(No suffix)
J
6800
25 x 45
5.84
6.72
0.061
0.046
A
(No suffix)
J
30 x 30
5.84
6.72
0.061
0.046
A
(No suffix)
J
35 x 25
5.84
6.72
0.061
0.046
A
(No suffix)
J
8200
25 x 50
6.00
6.90
0.051
0.038
A
(No suffix)
J
30 x 35
6.00
6.90
0.051
0.038
A
(No suffix)
J
35 x 30
6.00
6.90
0.051
0.038
A
(No suffix)
J
10000
30 x 40
6.52
7.50
0.041
0.031
A
(No suffix)
J
35 x 35
6.52
7.50
0.041
0.031
A
(No suffix)
J
12000
30 x 45
7.15
8.22
0.035
0.026
A
(No suffix)
J
35 x 40
7.15
8.22
0.035
0.026
A
(No suffix)
J
15000
35 x 45
7.91
9.10
0.028
0.021
A
(No suffix)
J
18000
35 x 50
8.55
9.83
0.023
0.018
A
(No suffix)
J
1500
22 x 25
2.26
2.60
0.221
0.166
A
(No suffix)
J
1800
22 x 30
2.52
2.90
0.184
0.138
A
(No suffix)
J
2200
22 x 35
2.73
3.14
0.151
0.113
A
(No suffix)
J
25 x 25
2.73
3.14
0.151
0.113
A
(No suffix)
J
2700
22 x 40
2.78
3.20
0.123
0.092
A
(No suffix)
J
25 x 30
2.78
3.20
0.123
0.092
A
(No suffix)
J
3300
22 x 45
3.21
3.69
0.100
0.075
A
(No suffix)
J
25 x 35
3.21
3.69
0.100
0.075
A
(No suffix)
J
30 x 25
3.21
3.69
0.100
0.075
A
(No suffix)
J
3900
22 x 50
3.59
4.13
0.085
0.064
A
(No suffix)
J
25 x 40
3.59
4.13
0.085
0.064
A
(No suffix)
J
35 x 25
3.59
4.13
0.085
0.064
A
(No suffix)
J
4700
25 x 45
4.09
4.70
0.071
0.053
A
(No suffix)
J
30 x 30
4.09
4.70
0.071
0.053
A
(No suffix)
J
5600
25 x 50
4.55
5.23
0.059
0.044
A
(No suffix)
J
30 x 35
4.55
5.23
0.059
0.044
A
(No suffix)
J
35 x 30
4.55
5.23
0.059
0.044
A
(No suffix)
J
6800
30 x 45
5.16
5.93
0.049
0.037
A
(No suffix)
J
35 x 35
5.16
5.93
0.049
0.037
A
(No suffix)
J
8200
30 x 50
5.83
6.70
0.040
0.030
A
(No suffix)
J
35 x 40
5.83
6.70
0.040
0.030
A
(No suffix)
J
10000
35 x 45
6.51
7.49
0.033
0.025
A
(No suffix)
J
12000
35 x 50
7.28
8.37
0.028
0.021
A
(No suffix)
J
1000
22 x 25
1.96
2.25
0.332
0.216
A
(No suffix)
J
1200
25 x 25
2.31
2.66
0.276
0.180
A
(No suffix)
J
1500
22 x 30
2.57
2.96
0.221
0.144
A
(No suffix)
J
1800
22 x 35
2.84
3.27
0.184
0.120
A
(No suffix)
J
25 x 30
2.84
3.27
0.184
0.120
A
(No suffix)
J
2200
22 x 45
3.14
3.61
0.151
0.098
A
(No suffix)
J
25 x 35
3.14
3.61
0.151
0.098
A
(No suffix)
J
30 x 25
3.14
3.61
0.151
0.098
A
(No suffix)
J
EETUQ2A122C_
EETUQ1K103E_
EETUQ1K472D_
EETUQ1K123E_
EETUQ1K562C_
EETUQ1K562D_
EETUQ1K562E_
EETUQ1K682D_
EETUQ2A222C_
EETUQ2A152B_
EETUQ2A182B_
EETUQ2A182C_
EETUQ2A222B_
EETUQ1K392E_
EETUQ1K822E_
EETUQ2A222D_
EETUQ1K682E_
EETUQ1K822D_
100 VDC Working, 125 VDC Surge
EETUQ2A102B_
EETUQ1J472B_
EETUQ1K332D_
EETUQ1K392B_
EETUQ1K392C_
EETUQ1K222B_
EETUQ1K222C_
EETUQ1K272B_
EETUQ1K272C_
EETUQ1K332B_
EETUQ1K332C_
20°C ESR (Ω, max.)
EETUQ1K472C_
63 VDC Working, 79 VDC Surge
EETUQ1H153D_
EETUQ1H153E_
EETUQ1H183D_
EETUQ1H183E_
EETUQ1H223E_
EETUQ1H273E_
EETUQ1J392C_
Panasonic
PVC with Top
Plate
PVC without
Top Plate
PET without
Top Plate
Part Number
Part Number Suffix Sleeving Options
D x L
Max 85°C R.C. (Arms)
EETUQ1J222B_
EETUQ1J332B_
50 VDC Working, 63 VDC Surge (continued)
Size (mm)
EETUQ1J472C_
EETUQ1J332C_
EETUQ1J562C_
EETUQ1J472D_
EETUQ1J392B_
EETUQ1J822D_
EETUQ1J682C_
EETUQ1J682D_
EETUQ1J682E_
EETUQ1K182B_
EETUQ1K152B_
EETUQ1J103D_
EETUQ1J103E_
EETUQ1J153E_
EETUQ1J183E_
80 VDC Working, 100 VDC Surge
EETUQ1J123E_
EETUQ1J123D_
EETUQ1J822C_
EETUQ1J562B_
EETUQ1J822E_
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
Large Can Aluminum Electrolytic Capacitors



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com