Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

JS28F128P33TF70 Datasheet(PDF) 27 Page - Numonyx B.V

Part # JS28F128P33TF70
Description  Numonyx짰 P33-65nm Flash Memory
PDF  88 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NUMONYX [Numonyx B.V]
Direct Link  http://www.numonyx.com
Logo NUMONYX - Numonyx B.V

JS28F128P33TF70 Datasheet(HTML) 27 Page - Numonyx B.V

Back Button JS28F128P33TF70 Datasheet HTML 23Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 24Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 25Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 26Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 27Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 28Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 29Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 30Page - Numonyx B.V JS28F128P33TF70 Datasheet HTML 31Page - Numonyx B.V Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 88 page
background image
Datasheet
Jul 2011
27
Order Number:208034-04
P33-65nm SBC
9.0
Erase Operation
Flash erasing is performed on a block basis. An entire block is erased each time an
erase command sequence is issued, and only one block is erased at a time. When a
block is erased, all bits within that block read as logical ones. The following sections
describe block erase operations in detail.
9.1
Block Erase
Block erase operations are initiated by writing the Block Erase Setup command to the
address of the block to be erased (see Section 6.2, “Device Command Bus Cycles” on
page 18). Next, the Block Erase Confirm command is written to the address of the
block to be erased. If the device is placed in standby (CE# deasserted) during an erase
operation, the device completes the erase operation before entering standby. VPP must
be above VPPLK and the block must be unlocked (see Figure 34, “Block Erase Flowchart”
on page 77).
During a block erase, the WSM executes a sequence of internally-timed events that
conditions, erases, and verifies all bits within the block. Erasing the flash memory array
changes “zeros” to “ones”. Memory array bits that are ones can be changed to zeros
only by programming the block.
The Status Register can be examined for block erase progress and errors by reading
any address. The device remains in the Read Status Register state until another
command is written. SR.0 indicates whether the addressed block is erasing. Status
Register bit SR.7 is set upon erase completion.
Status Register bit SR.7 indicates block erase status while the sequence executes.
When the erase operation has finished, Status Register bit SR.5 indicates an erase
failure if set. SR.3 set would indicate that the WSM could not perform the erase
operation because VPP was outside of its acceptable limits. SR.1 set indicates that the
erase operation attempted to erase a locked block, causing the operation to abort.
Before issuing a new command, the Status Register contents should be examined and
then cleared using the Clear Status Register command. Any valid command can follow
once the block erase operation has completed.
The Block Erase operation is aborted by performing a reset or powering down the
device. In this case, data integrity cannot be ensured, and it is recommended to erase
again the blocks aborted.
9.2
Blank Check
The Blank Check operation determines whether a specified main block is blank (i.e.
completely erased). Without Blank Check, Block Erase would be the only other way to
ensure a block is completely erased. so Blank Check can be used to determine whether
or not a prior erase operation was successful; this includes erase operations that may
have been interrupted by power loss.
Blank check can apply to only one block at a time, and no operations other than Status
Register Reads are allowed during Blank Check (e.g. reading array data, program,
erase etc). Suspend and resume operations are not supported during Blank Check, nor
is Blank Check supported during any suspended operations.
Blank Check operations are initiated by writing the Blank Check Setup command to the
block address. Next, the Check Confirm command is issued along with the same block
address. When a successful command sequence is entered, the device automatically
enters the Read Status State. The WSM then reads the entire specified block, and
determines whether any bit in the block is programmed or over-erased.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com