Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACU2109S3 Datasheet(PDF) 2 Page - ANADIGICS, Inc

Part # ACU2109S3
Description  CATV/TV Cable modem Upconverter MMIC
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACU2109S3 Datasheet(HTML) 2 Page - ANADIGICS, Inc

  ACU2109S3 Datasheet HTML 1Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 2Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 3Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 4Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 5Page - ANADIGICS, Inc ACU2109S3 Datasheet HTML 6Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
A
2
ACU2109S3
Advanced Product Information
FUNCTIONAL BLOCK DIAGRAM
Notes:
1. As measured in ANADIGICS
test fixture
2. 128 Channels @ + 7 dBmV
3. 128 Channels, 99% Modulation
@ 15 KHz
4. Two tones @ -15 dBm (33.75
dBmV) each
5. At 10 KHz offset
dBc = dB below carrier
dBmV = dBm + 48.75
R
E
T
E
M
A
R
A
P.
N
I
M.
P
Y
T.
X
A
MT
I
N
U
n
i
a
G
n
o
i
s
r
e
v
n
o
C
1
0
.
50
.
8-
B
d
s
s
e
n
t
a
l
F
n
i
a
G
1
-8
.
0-
B
d
e
r
u
g
i
F
e
s
i
o
N
B
S
S
1
-5
.
60
.
8B
d
O
S
C
2
-0
6
-7
5
-c
B
d
B
T
C
2
-0
6
-7
5
-c
B
d
n
o
it
a
l
u
d
o
M
s
s
o
r
C
3
-2
6
-0
6
-c
B
d
P
I
t
u
p
n
I
r
e
d
r
O
d
n
2
e
n
o
T
-
2
4
-5
9-
V
m
B
d
P
I
t
u
p
n
I
r
e
d
r
O
d
r
3
e
n
o
T
-
2
4
-0
7-
V
m
B
d
e
s
i
o
N
e
s
a
h
P
O
L
5
-9
8
-4
8
-z
H
/
c
B
d
r
e
l
a
c
s
e
r
P
o
t
r
e
w
o
P
O
L7
-0
--
m
B
d
e
g
a
k
a
e
L
F
R
o
t
O
L-
0
2-
V
m
B
d
e
g
a
k
a
e
L
F
I
o
t
O
L-
4
3-
V
m
B
d
n
o
it
a
l
o
s
I
F
I
o
t
F
R0
35
3-
B
d
e
g
a
tl
o
V
g
n
i
n
u
T
1
0
.
1-
7
2V
)
3
n
i
P
(
e
g
a
tl
o
V
n
w
o
d
t
u
h
S-
2
--V
V
D
DF
I
5
7
.
40
.
55
2
.
5V
V
O
L
D
D
5
7
.
40
.
55
2
.
5V
I
D
DF
I
5
65
8A
m
I
O
L
D
D
0
85
9A
m
n
o
it
p
m
u
s
n
o
C
r
e
w
o
P0
7
70
0
9W
m
ELECTRICAL SPECIFICATIONS
PHASE
8
5
6
7
SPLITTER
OSC
2
3
4
1
MXR
9
12
11
10
15
14
13
16
LOW NOISE
AMP
R
IN
+90
- 90
IF
1, +V DD
GND
GND
RF
IN
GND
GND*
V
DDLO
T
CKT
GND
OSC
OUT
GND
IF
2, +V DD
Shut Down/
Current Adjust
Inductor
* Varactor return. Do not connect to common ground



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com