Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S005K6T6C Datasheet(PDF) 61 Page - STMicroelectronics

Part # STM8S005K6T6C
Description  Value line, 16 MHz STM8S 8-bit MCU, 32 Kbytes Flash, data EEPROM,10-bit ADC, timers, UART, SPI, I²C
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S005K6T6C Datasheet(HTML) 61 Page - STMicroelectronics

Back Button STM8S005K6T6C Datasheet HTML 57Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 58Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 59Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 60Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 61Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 62Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 63Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 64Page - STMicroelectronics STM8S005K6T6C Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 103 page
background image
(1) Data based on characterization results, not tested in production.
(2) Configured by the REGAH bit in the CLK_ICKR register.
(3) Configured by the AHALT bit in the FLASH_CR1 register.
Total current consumption in halt mode
9.3.2.4
Table 25: Total current consumption in halt mode at VDD = 5 V
Unit
Max at
85 °C
(1)
Typ
Conditions
Parameter
Symbol
µA
90
62
Flash in operating mode, HSI
clock after wakeup
Supply current in
halt mode
IDD(H)
25
6.5
Flash in powerdown mode, HSI
clock after wakeup
(1) Data based on characterization results, not tested in production.
Table 26: Total current consumption in halt mode at VDD = 3.3 V
Unit
Max at
85 °C
(1)
Typ
Conditions
Parameter
Symbol
µA
90
60
Flash in operating mode, HSI
clock after wakeup
Supply current in
halt mode
IDD(H)
20
4.5
Flash in powerdown mode, HSI
clock after wakeup
(1) Data based on characterization results, not tested in production.
Low power mode wakeup times
9.3.2.5
Table 27: Wakeup times
Unit
Max
(1)
Typ
Conditions
Parameter
Symbol
μs
See
note
(2)
0 to 16 MHz
Wakeup time from
wait mode to run
tWU(WFI)
0.56
fCPU = fMASTER = 16 MHz
mode
(3)
61/103
DocID022186 Rev 3
Electrical characteristics
STM8S005K6 STM8S005C6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com