Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACD090 Datasheet(PDF) 4 Page - ANADIGICS, Inc

Part # ACD090
Description  VHF/UHF CATV/TV Tuner Downconverter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANADIGICS [ANADIGICS, Inc]
Direct Link  http://www.anadigics.com
Logo ANADIGICS - ANADIGICS, Inc

ACD090 Datasheet(HTML) 4 Page - ANADIGICS, Inc

  ACD090 Datasheet HTML 1Page - ANADIGICS, Inc ACD090 Datasheet HTML 2Page - ANADIGICS, Inc ACD090 Datasheet HTML 3Page - ANADIGICS, Inc ACD090 Datasheet HTML 4Page - ANADIGICS, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
4
ANADIGICS, Inc.
35 Technology Drive
Warren, New Jersey 07059
Tel: (908) 668-5000 / Fax: (908) 668-5132
Email: Mkg@anadigics.com
www.anadigics.com
IMPORTANT NOTICE
ANADIGICS, Inc. reserves the right to make changes to its products or discontinue any product at any time without notice. The Advanced Product
data sheets and product specifications contained in this data sheet are subject to change prior to a products formal introduction. The information in
this data sheet has been carefully checked and is assumed to be reliable. However, ANADIGICS assumes no repsponsibility for inaccuracies.
ANADIGICS strongly urges customers to verift that the informationn they are using is current before placing orders.
WARNING
ANADIGICS products are not intened for use in life support appliances, device, or systems. Use of an ANADIGICS product in any such
application without written consent is prohibited.
A
MEASURED IN 50
Ω SYSTEM
IMPEDANCE REFERENCE PLANE AT PIN 16
.5
5
2
.2
.2
0
-.2
-.5
-1
-2
-5
5
2
1
.5
1
1
2
4
3
5
1:
50 MHz
251.64
Ω
- 222.35 j
Ω
2:
150 MHz
60.89
Ω
-144.22 j
Ω
3:
250 MHz
26.32
Ω
- 89.16 j
Ω
4:
400 MHz
13.24
Ω
- 49.55 j
Ω
5 :
500 MHz
10.08
Ω
- 34.10 j
Ω
IF OUTPUT IMPEDANCE
START: 50 MHz
STOP: 500 MHz
-5.8
MEASURED IN 50
Ω SYSTEM
IMPEDANCE REFERENCE PLANE AT PIN 11
-1
.5
5
2
1
.2
-.17
-.2
-.5
-2
-5
5
4
3
2
1
LO IMPEDANCE
START: 50 MHz
STOP:
2000 MHz
1:
50 MHz
259.67
Ω
- 1200 j
Ω
2:
612 MHz
- 20.97
Ω
- 50.63 j
Ω
3:
1000 MHz
- 9.28
Ω
- 14.88 j
Ω
4:
1500 MHz
- 5.36
Ω
7.99 j
Ω
5 :
2000 MHz
0.64
Ω
27.12 j
Ω
ACD0900S3C
DATA SHEET - Rev. 0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com