Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STM8S103K3 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STM8S103K3
Description  Access line, 16 MHz STM8S 8-bit MCU, up to 8 Kbytes Flash, data EEPROM,10-bit ADC, 3 timers, UART, SPI, I²C
PDF  117 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM8S103K3 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STM8S103K3 Datasheet HTML 17Page - STMicroelectronics STM8S103K3 Datasheet HTML 18Page - STMicroelectronics STM8S103K3 Datasheet HTML 19Page - STMicroelectronics STM8S103K3 Datasheet HTML 20Page - STMicroelectronics STM8S103K3 Datasheet HTML 21Page - STMicroelectronics STM8S103K3 Datasheet HTML 22Page - STMicroelectronics STM8S103K3 Datasheet HTML 23Page - STMicroelectronics STM8S103K3 Datasheet HTML 24Page - STMicroelectronics STM8S103K3 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 117 page
background image
Figure 4: STM8S103Kx SDIP32 pinout
8
1
2
3
4
5
6
7
9
10
11
12
13
14
15
16
32
31
30
29
28
27
26
25
24
23
22
21
20
19
18
17
[TIM2_CH2] ADC_ETR/(HS) PD3
BEEP/TIM2_CH1/(HS) PD4
UART1_TX(/HS) PD5
UART1_RX/(HS) PD6
[TIM1_CH4] TLI/(HS) PD7
OSCIN/PA1
OSCOUT/PA2
VSS
VCAP
VDD
[SPI_NSS] TIM2_CH3/(HS) PA3
PB6
PB3 (HS)/TIM1_ETR/AIN3
PB2 (HS)/TIM1_CH3N/AIN2
PB1 (HS)/TIM1_CH2N/AIN1
PB0 (HS)/TIM1_CH1N/AIN0
PE5/SPI_NSS
PC1 (HS)/TIM1_CH1/UART1_CK
PC2( HS)/TIM1_CH2
PC3 (HS)/TIM1_CH3
PC4( HS)/TIM1_CH4/CLK_CCO
PC5 (HS)/SPI_SCK
PC6 (HS)/SPI_MOSI
PC7 (HS)/SPI_MISO
PD0 (HS)/TIM1_BKIN [CLK_CCO]
PD1 (HS)/SWIM
PD2 (HS) [TIM2_CH3]
PB7
I2C_SDA/(T) PB5
NRST
PF4
PB4 (T)/I2C_SCL
1. (HS) high sink capability.
2. (T) True open drain (P-buffer and protection diode to VDD not implemented).
3. [ ] alternate function remapping option (if the same alternate function is shown twice, it
indicates an exclusive choice not a duplication of the function).
Table 5: UFQFPN32/LQFP32/SDIP32 pin description
Alternate
function after
remap [option
bit]
Default alternate
function
Main
function
(after
reset)
Output
Input
Type
Pin
name
LQFP/
UFQFP
32
SDIP
32
PP
OD
Speed
High
sink
(1)
Ext.
interrupt
wpu
floating
Reset
X
I/O
NRST
1
6
Resonator/ crystal in
Port A1
X
X
O1
X
X
X
I/O
PA1/
OSCIN
(2)
2
7
Resonator/ crystal out
Port A2
X
X
O1
X
X
X
I/O
PA2/
OSCOUT
3
8
Digital ground
S
VSS
4
9
1.8 V regulator capacitor
S
VCAP
5
10
Digital power supply
S
VDD
6
11
SPI master/
slave select
[AFR1]
Timer 2 channel 3
Port A3
X
X
O3
HS
X
X
X
I/O
PA3/
TIM2_CH3
[SPI_NSS]
7
12
21/117
DocID15441 Rev 9
Pinout and pin description
STM8S103K3 STM8S103F3 STM8S103F2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com