Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WB01 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WB01
Description  8dBi Wideband LTE MIMO Panel Antenna
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

WB01 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WB01 Datasheet HTML 1Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 2Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 3Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 4Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 5Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 6Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 7Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 8Page - List of Unclassifed Manufacturers WB01 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
SPE-13-8-050/B/SS
Page 2 of 18
1. Introduction
The Prometheus WB.01 antenna is an ideal choice for extending coverage for high data rate
LTE applications such as high definition video in buildings, in public areas, bus
stations/subway stations, stadiums. It’s advanced design incorporating dual polarised
(+/-45°) radiators is most suited for 2x2 MIMO applications.
Internal Combiners allow for wideband operation on each port.
Taoglas cross polarized slant 45° antennas are more robust than traditional horizontal and
vertical cross polarized solutions. Horizontal and vertical cross polarizations can suffer fading
due to reflections from buildings, vehicles and the general environment, these reflections
occur more easily than ±45°.
The radiation pattern from both ports of a ±45° Linear Polarisation antenna are symmetrical
and almost overlap whereas horizontal and linear polarized patterns differ substantially. This
means the Taoglas antenna delivers more reliable coverage areas with less drop-outs.
The antenna cable length and connector can be customized on request. A combined wall/pole
mounting bracket is supplied with the antenna for ease of installation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com